Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3981 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3981
Description  Micropower, 300mA Ultra Low-Dropout CMOS Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3981 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3981 Datasheet HTML 1Page - National Semiconductor (TI) LP3981 Datasheet HTML 2Page - National Semiconductor (TI) LP3981 Datasheet HTML 3Page - National Semiconductor (TI) LP3981 Datasheet HTML 4Page - National Semiconductor (TI) LP3981 Datasheet HTML 5Page - National Semiconductor (TI) LP3981 Datasheet HTML 6Page - National Semiconductor (TI) LP3981 Datasheet HTML 7Page - National Semiconductor (TI) LP3981 Datasheet HTML 8Page - National Semiconductor (TI) LP3981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified: V
EN = 1.2V, VIN =VOUT + 0.5V, CIN = 2.2 µF, CBP = 0.033 µF, IOUT = 1mA, COUT = 2.2 µF. Typi-
cal values and imits appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, −40˚C to +125˚C. (Notes 6, 7)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
T
ON
Turn-On Time
(Note 10) (Note 11)
C
BYPASS = 0.033 µF
240
350
µs
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The figures given for Absolute Maximum Power disipation for the device are calculated using the following equations:
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θ JA is the junction-to-ambient thermal resistance.
E.g. for the LLP package
θ JA=50˚C/W, TJ(MAX)=150˚C and using TA=25˚C the maximum power dissipation is found to be 2.5W. The derating factor (−1/θJA)=
−20mW/˚C, thus below 25˚C the power dissipation figure can be increased by 20W per degree, and similarity decreased by this factor for temperatures above 25˚C
Note 4: The human body model is 100pF discharged through 1.5k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each
pin.
Note 5: As for the Maximum Power dissipation, the maximum power in operation is dependant on the ambient temperature. This can be calculated in teh same way
using TJ=125˚C, giving 2W as the maximum power dissipation for the LLP package in operation. The same derating factor applies.
Note 6: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25˚C or correlated using
Statistical Quality Control (SQC) methods. All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations
and applying statistical process control.
Note 7: The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
Note 8: An increase in the load current results in a slight decrease in the output voltage and vice versa.
Note 9: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification does not apply for
input voltages below 2.5V.
Note 10: Guaranteed by design.
Note 11: Turn-on time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal value.
Note 12: For VOUT > 2.5C, Increase IQ(MAX) by 2.5µA for every 0.1V increase in VOUT(NOM).
i.e. IQ(MAX) = 210 + ((VOUT(NOM) - 2.5) * 25)µA
Output Capacitor, Recommended Specification
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
C
OUT
Output Capacitor
Capacitance
2.2
22
µF
ESR
5
500
m
Ω
20020308
FIGURE 1. Line Transient Response Input Perturbation
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com