Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3982
Description  Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3982 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3982 Datasheet HTML 1Page - National Semiconductor (TI) LP3982 Datasheet HTML 2Page - National Semiconductor (TI) LP3982 Datasheet HTML 3Page - National Semiconductor (TI) LP3982 Datasheet HTML 4Page - National Semiconductor (TI) LP3982 Datasheet HTML 5Page - National Semiconductor (TI) LP3982 Datasheet HTML 6Page - National Semiconductor (TI) LP3982 Datasheet HTML 7Page - National Semiconductor (TI) LP3982 Datasheet HTML 8Page - National Semiconductor (TI) LP3982 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Note 1: Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not apply when operating the device outside of its
rated operating conditions.
Note 2: All voltages are with respect to the potential at the ground pin.
Note 3: Maximum Power dissipation for the device is calculated using the following equations:
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. E.g. for the MSOP-8
package
θJA = 223˚C/W, TJ(MAX) = 150˚C and using TA = 25˚C, the maximum power dissipation is found to be 561mW. The derating factor (−1/θJA) = −4.5mW/˚C,
thus below 25˚C the power dissipation figure can be increased by 4.5mW per degree, and similarity decreased by this factor for temperatures above 25˚C. The value
of the
θJA for the LLP package is specifically dependent on the PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal
resistance and power dissipation for the LLP package, refer to Application Note AN-1187.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Human body model: 1.5k
Ω in series with 100pF.
Note 7: Condition does not apply to input voltages below 2.5V since this is the minimum input operating voltage.
Note 8: Dropout voltage is measured by reducing VIN until VO drops 100mV from its nominal value at VIN -VO = 0.5V. Dropout Voltage does not apply to the 1.8
version.
Note 9: The SET pin is not externally connected for the fixed versions.
Note 10: The FAULT detection voltage is specified for the input to output voltage differential at which the FAULT pin goes active low.
Functional Block Diagram
20036913
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com