Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3982
Description  Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3982 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3982 Datasheet HTML 1Page - National Semiconductor (TI) LP3982 Datasheet HTML 2Page - National Semiconductor (TI) LP3982 Datasheet HTML 3Page - National Semiconductor (TI) LP3982 Datasheet HTML 4Page - National Semiconductor (TI) LP3982 Datasheet HTML 5Page - National Semiconductor (TI) LP3982 Datasheet HTML 6Page - National Semiconductor (TI) LP3982 Datasheet HTML 7Page - National Semiconductor (TI) LP3982 Datasheet HTML 8Page - National Semiconductor (TI) LP3982 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3982
Micropower, Ultra Low-Dropout, Low-Noise, 300mA
CMOS Regulator
General Description
The LP3982 low-dropout (LDO) CMOS linear regulator is
available in 1.8V, 2.5V, 2.77V, 2.82V, 3.0V, 3.3V, and adjust-
able versions. They deliver 300mA of output current. Pack-
aged in an 8-Pin MSOP, the LP3982 is pin and package
compatible with Maxim’s MAX8860. The LM3982 is also
available in the small footprint LLP package.
The LP3982 suits battery powered applications because of
its shutdown mode (1nA typ), low quiescent current (90µA
typ), and LDO voltage (120mV typ). The low dropout voltage
allows for more utilization of a battery’s available energy by
operating closer to its end-of-life voltage. The LP3982’s
PMOS output transistor consumes relatively no drive current
compared to PNP LDO regulators.
This PMOS regulator is stable with small ceramic capacitive
loads (2.2µF typ).
These devices also include regulation fault detection, a
bandgap voltage reference, constant current limiting and
thermal overload protection.
Features
n
MAX8860 pin, package and spec. compatible
n
LLP space saving package
n
300mA guaranteed output current
n
120mV typical dropout @ 300mA
n
90µA typical quiescent current
n
1nA typical shutdown mode
n
60dB typical PSRR
n
2.5V to 6V input range
n
120µs typical turn-on time
n
Stable with small ceramic output capacitors
n
37µV RMS output voltage noise (10Hz to 100kHz)
n
Over temperature/over current protection
n ±
2% output voltage tolerance
Applications
n
Wireless handsets
n
DSP core power
n
Battery powered electronics
n
Portable information appliances
Application Circuit
20036931
July 2002
© 2002 National Semiconductor Corporation
DS200369
www.national.com


Similar Part No. - LP3982

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3982 TI-LP3982 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982 TI-LP3982 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982 TI-LP3982 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982 TI1-LP3982 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
More results

Similar Description - LP3982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
Micropower, 300mA Ultra Low-Dropout CMOS Voltage
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
Micropower, 300mA Low Dropout CMOS Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
Texas Instruments
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com