Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3982
Description  Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3982 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3982 Datasheet HTML 1Page - National Semiconductor (TI) LP3982 Datasheet HTML 2Page - National Semiconductor (TI) LP3982 Datasheet HTML 3Page - National Semiconductor (TI) LP3982 Datasheet HTML 4Page - National Semiconductor (TI) LP3982 Datasheet HTML 5Page - National Semiconductor (TI) LP3982 Datasheet HTML 6Page - National Semiconductor (TI) LP3982 Datasheet HTML 7Page - National Semiconductor (TI) LP3982 Datasheet HTML 8Page - National Semiconductor (TI) LP3982 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN,VOUT,VSHDN,VSET,VCC,
V
FAULT
−0.3V to 6.5V
Fault Sink Current
20mA
Power Dissipation
(Note 3)
Storage Temperature Range
−65˚C to 160˚C
Junction Temperature (T
J)
150˚C
Lead Temperature (10 sec.)
260˚C
ESD Rating
Human Body Model (Note 6)
2kV
Machine Model
200V
Thermal Resistance (
θ
JA)
8-Pin MSOP
223˚C/W
8-Pin LLP
(Note 3)
Operating Ratings(Note 1), (Note 2)
Temperature Range
−40˚C to 85˚C
Supply Voltage
2.5V to 6.0V
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for V
IN =VO +0.5V (Note 7), VSHDN =VIN,CIN =COUT = 2.2µF, CCC = 33nF,
T
J = 25˚C. Boldface limits apply for the operating temperature extremes: −40˚C and 85˚C.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
IN
Input Voltage
2.5
6.0
V
∆V
O
Output Voltage Tolerance
100µA
≤ I
OUT
≤ 300mA
V
IN =VO +0.5V, (Note 7)
SET = OUT for the Adjust
Versions
−2
+2
%of
V
OUT (NOM)
−3
+3
V
O
Output Adjust Range
Adjust Version Only
1.25
6
V
I
O
Maximum Output Current
Average DC Current Rating
300
mA
I
LIMIT
Output Current Limit
330
770
mA
I
Q
Supply Current
I
OUT = 0mA
90
270
µA
I
OUT = 300mA
225
Shutdown Supply Current
V
O = 0V, SHDN = GND
0.001
1
µA
V
DO
Dropout Voltage
(Note 7), (Note 8)
I
OUT = 1mA
0.4
mV
I
OUT = 200mA
80
220
I
OUT = 300mA
120
∆V
O
Line Regulation
I
OUT = 1mA, (VO + 0.5V)
≤ V
I
≤ 6V
(Note 7)
−0.1
0.01
0.1
%/V
Load Regulation
100µA
≤ I
OUT
≤ 300mA
0.002
%/mA
e
n
Output Voltage Noise
I
OUT = 10mA, 10Hz
≤ f ≤ 100kHz
37
µV
RMS
Output Voltage Noise Density
10Hz
≤ f ≤ 100kHz, C
OUT = 10µF
190
nV/
V
SHDN
SHDN Input Threshold
V
IH,(VO + 0.5V)
≤ V
I
≤ 6V
(Note 7)
2
V
V
IL,(VO + 0.5V)
≤ V
I
≤ 6V
(Note 7)
0.4
I
SHDN
SHDN Input Bias Current
SHDN = GND or IN
0.1
100
nA
I
SET
SET Input Leakage
SET = 1.3V, Adjust Version Only
(Note 9)
0.1
2.5
nA
V
FAULT
FAULTDetection Voltage
V
O
≥ 2.5V, I
OUT = 200mA
(Note 10)
120
280
mV
FAULT Output Low Voltage
I
SINK = 2mA
0.115
0.25
V
I
FAULT
FAULT Off-Leakage Current
FAULT = 3.6V, SHDN = 0V
0.1
100
nA
T
SD
Thermal Shutdown
Temperature
160
˚C
Thermal Shutdown Hysteresis
10
T
ON
Start-Up Time
C
OUT = 10µF, VO at 90% of Final
Value
120
µs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com