Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3982
Description  Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3982 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3982 Datasheet HTML 4Page - National Semiconductor (TI) LP3982 Datasheet HTML 5Page - National Semiconductor (TI) LP3982 Datasheet HTML 6Page - National Semiconductor (TI) LP3982 Datasheet HTML 7Page - National Semiconductor (TI) LP3982 Datasheet HTML 8Page - National Semiconductor (TI) LP3982 Datasheet HTML 9Page - National Semiconductor (TI) LP3982 Datasheet HTML 10Page - National Semiconductor (TI) LP3982 Datasheet HTML 11Page - National Semiconductor (TI) LP3982 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Information (Continued)
The delay time for the application of Figure 5 is set as
follows:
The application is set for a reset delay time of 8.8ms. Note
that the comparator should have high impedance inputs so
as to not load down the V
REF at the CC pin of the LP3982.
Shutdown
The LP3982 goes into sleep mode when the SHDN pin is in
a logic low condition. During this condition, the pass transis-
tor, error amplifier, and bandgap are turned off, reducing the
supply current to 1nA typical. The maximum guaranteed
voltage for a logic low at the SHDN pin is 0.4V. A minimum
guaranteed voltage of 2V at the SHDN pin will turn the
LP3982 back on. The SHDN pin may be directly tied to V
IN to
keep the part on. The SHDN pin may exceed V
IN but not the
ABS MAX of 6.5V.
Figure 6 shows an application that uses the SHDN pin. It
detects when the battery is too low and disconnects the load
by turning off the regulator. A micropower comparator
(LMC7215) and reference (LM385) are combined with resis-
tors to set the minimum battery voltage. At the minimum
battery voltage, the comparator output goes low and tuns off
the LP3982 and corresponding load. Hysteresis is added to
the minimum battery threshold to prevent the battery’s re-
covery voltage from falsely indicating an above minimum
condition. When the load is disconnected from the battery, it
automatically increases in terminal voltage because of the
reduced IR drop across its internal resistance. The Minimum
battery detector of figure 6 has a low detection threshold
(V
LT) of 3.6V that corresponds to the minimum battery volt-
age. The upper threshold (V
UT) is set for 4.6V in order to
exceed the recovery voltage of the battery.
Resistor value for V
UT and VLT are determined as follows:
(The application of figure 6 used a G
T of 5µ mho)
The above procedure assumes a rail-to-rail output compara-
tor. Essentially, R
2 is in parallel with R1 prior to reaching the
lower threshold, then R
2 becomes parallel with R3 for the
upper threshold. Note that the application requires rail-to-rail
input as well.
The resistor values shown in Figure 6 are the closest prac-
tical to calculated values.
Fast Start-up
The LP3982 provides fast start-up time for better system
efficiency. The start-up speed is maintained when using the
optional noise bypass capacitor. An internal 500µA current
source charges the capacitor until it reaches about 90% of its
final value.
20036921
FIGURE 5. Power on Delayed Reset Application
20036902
FIGURE 6. Minimum Battery Detector that Disconnects
the Load Via the SHDN Pin of the LP3982
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com