Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DM Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # USB2DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DM Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button USB2DM Datasheet HTML 18Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 19Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 20Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 21Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 22Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 23Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 24Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 25Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
22
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
4.2.4 Input / Output Multiplexer Module
VNC2 peripheral interfaces are UART, SPI slave0, SPI slave1, SPI master, FIFO-Asynchronous, FIFO-
Synchronous, GPIO, debug interface and PWM.
The I/O multiplexer allows the designer to select which peripherals are connected to the device I/O pins.
The selectable peripheral interfaces are only limited by the number of I/O pins available. All peripherals
are available across the package range except synchronous FIFO mode which cannot be selected on 32
pin packages. The available configurable I/O pins per package are as follows:
32 pin package – 12 I/O pins
48 pin package – 28 I/O pins
64 pin package – 44 I/O pins
Table 4.1 lists the peripherals which can be multiplexed to I/O and the maximum number of pins
required for each one. The designer can choose any mix of peripheral configurations as long as they are
within the specific package I/O pin count. Depending on the design not all 9 UART pins need to be
configured. Similarly the GIPO peripheral does not need all pins configured.
e.g. The 48 pin package has 28 I/O pins w hich could be configured as UART – 9 pins, SPI Master – 5
pins, FIFO Asynchronous – 12 pins and GPIO – 2 pins. This makes a total of 28 pins.
Please refer to Section 5 for a detailed description of the I/O multiplexer.
Peripherals
Maximum pins required
UART
9
SPI Slave 0
4
SPI Slave 1
4
SPI Master
5
FIFO Asynchronous
12
FIFO Synchronous
14
GPIO
40
Debug
1
PWM
8
Table 4.1 - Peripheral Pin Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com