Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DM Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # USB2DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DM Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button USB2DM Datasheet HTML 25Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 26Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 27Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 28Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 29Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 30Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 31Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 32Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
29
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
5.1 I/O Peripherals Signal Names
Peripheral
Signal Name
Outputs
Inputs
Description
Debugger
debug_if
1
1
debugger interface
UART
uart_txd
1
0
Transmit asynchronous data output
uart_rts#
1
0
Request to send control output
uart_dtr#
1
0
Data acknowledge (data terminal ready control) output
uart_tx_active
1
0
Enable transmit data for RS485 designs
uart_rxd
0
1
Receive asynchronous data input
uart_cts#
0
1
Clear to send control input
uart_dsr#
0
1
Data request (data set ready control) input
uart_ri#
0
1
Ring indicator control input
uart_dcd#
0
1
Data carrier detect control input
FIFO
fifo_data
8
8
FIFO data bus
fifo_txe#
1
0
When high, do not write data into the FIFO. When low,
data can be written into the FIFO by strobing WR high,
then low.
fifo_rxf#
1
0
When high, do not read data from the FIFO. When low,
there is data available in the FIFO which can be read by
strobing RD# low, then high.
fifo_wr#
0
1
Writes the data byte on the D0...D7 pins into the
transmit FIFO buffer when WR goes from high to low.
fifo_rd#
0
1
Enables the current FIFO data byte on D0...D7 when low.
Fetches the next FIFO data byte (if available) from the
receive FIFO buffer when RD# goes from high to low
fifo_oe#
0
1
FIFO output enable – synchronous FIFO only
fifo_clkout
0
1
FIFO clock out – synchronous FIFO only
GPIO
gpio
40
40
General purpose I/O
SPI Slave 0
spi_s0_clk
0
1
SPI clock input – slave 0
spi_s0_ss#
0
1
SPI chip select input – slave 0
spi_s0_mosi
1
1
SPI master out serial in – slave 0
spi_s0_miso
1
0
SPI master in slave out – slave 0
SPI Slave 1
spi_s1_clk
0
1
SPI clock input – slave 1
spi_s1_ss#
0
1
SPI chip select input – slave 1
spi_s1_mosi
1
1
Master out slave in – slave 1
spi_s1_miso
1
0
Master in slave out – slave 1
SPI Master
spi_m_clk
1
0
SPI clock input – master
spi_m_mosi
1
1
Master out slave in - master
spi_m_miso
0
1
Master in slave out - master
spi_m_ss_0#
1
0
Active low slave select 0 from master to slave 0
spi_m_ss_1#
1
0
Active low slave select 1 from master to slave 1
PWM
pwm
8
0
Pulse width modulation
Table 5.1 I/O Peripherals Signal Names
Note: # is used to indicate an active low signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com