Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DM Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # USB2DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DM Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button USB2DM Datasheet HTML 36Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 37Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 38Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 39Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 40Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 41Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 42Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 43Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
40
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Mode
Pins
Word Size
Handshaking
Speed
Comments
VNC1L
4
12
Yes
Read 66%
Write 66%
Legacy mode
Full Duplex
4
8
Yes
Read 50%
Write 100%
Half Duplex 4 pin
4
8
Yes
Read 100%
Write 100%
MOSI becomes
bi-directional
Half Duplex 3 pin
3
8
Yes
Read 50%
Write 50%
MOSI becomes
bi-directional
Unmanaged
4
8
No
Read 100%
Write 100%
Table 6.3 - SPI Slave Speeds
VNC2 SPI Master is described in Section 6.4.1 SPI Master Signal Descriptions.
Table 6.5 shows the SPI master signals and the available pins that they can be mapped to depending on
the package size. Further details on the configuration of input and output signals are available in Section
5 - I/O Multiplexer.
6.2.1 SPI Clock Phase Modes
SPI interface has 4 unique modes of clock phase (CPHA) and clock polarity (CPOL), known
as Mode 0, Mode 1, Mode 2 and Mode 3. Table 6.4 summarizes these modes and available interface and
Figure 6.3 is the function timing diagram.
For CPOL = 0, the base (inactive) level of SCLK is 0.
In this mode:
When CPHA = 0, data is clocked in on the rising edge of SCLK, and data is clocked out on the
falling edge of SCLK.
When CPHA = 1, data is clocked in on the falling edge of SCLK, and data is clocked out on the
rising edge of SCLK
For CPOL =1, the base (inactive) level of SCLK is 1.
In this mode:
When CPHA = 0, data v in on the falling edge of SCLK, and data is clocked out on the rising edge
of SCLK
When CPHA =1, data is clocked in on the rising edge of SCLK, and data is clocked out on the
falling edge of SCLK.
Mode
CPOL
CPHA
Full
Duplex
Half
Duplex
4 pin
Half
Duplex
3 pin
Unmanaged
VNC1L
Legacy
0
0
0
N
N
N
Y
N
1
0
1
Y
Y
Y
Y
N
2
1
0
N
N
N
Y
N
3
1
1
Y
Y
Y
Y
N
Table 6.4 - Clock Phase/Polarity Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com