Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DM Datasheet(PDF) 78 Page - Future Technology Devices International Ltd.

Part # USB2DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DM Datasheet(HTML) 78 Page - Future Technology Devices International Ltd.

Back Button USB2DM Datasheet HTML 74Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 75Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 76Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 77Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 78Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 79Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 80Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 81Page - Future Technology Devices International Ltd. USB2DM Datasheet HTML 82Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
78
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
11.6 VNC2, LQFP-64 Package Dimensions
10
12
0.25
12o +/-1o
0.2
Mi
n
0.6 +/-0.15
1.0
0.05
Mi
n
0.15
Ma
x
0.5
FTDl
XXXXXXXX
VNC2-64L1A
YYWW
0. 22+/- 0.05
0.2+/- 0.03
0. 09 Min
0. 2 Max
0. 09 Min
0. 16 Max
Pin #
1
Pin # 64
Figure 11.6 64 pin LQFP Package Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com