Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX660 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MAX660
Description  Switched Capacitor Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MAX660 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button MAX660 Datasheet HTML 3Page - National Semiconductor (TI) MAX660 Datasheet HTML 4Page - National Semiconductor (TI) MAX660 Datasheet HTML 5Page - National Semiconductor (TI) MAX660 Datasheet HTML 6Page - National Semiconductor (TI) MAX660 Datasheet HTML 7Page - National Semiconductor (TI) MAX660 Datasheet HTML 8Page - National Semiconductor (TI) MAX660 Datasheet HTML 9Page - National Semiconductor (TI) MAX660 Datasheet HTML 10Page - National Semiconductor (TI) MAX660 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Information (Continued)
TABLE 2. Low ESR Capacitor Manufacturers
Manufacturer
Phone
FAX
Capacitor Type
Nichicon Corp.
(708)-843-7500
(708)-843-2798
PL, PF series, through-hole aluminum electrolytic
AVX Corp.
(803)-448-9411
(803)-448-1943
TPS series, surface-mount tantalum
Sprague
(207)-324-4140
(207)-324-7223
593D, 594D, 595D series, surface-mount tantalum
Sanyo
(619)-661-6835
(619)-661-1055
OS-CON series, through-hole aluminum electrolytic
Other Applications
PARALLELING DEVICES
Any number of MAX660s can be paralleled to reduce the output resistance. Each device must have its own pumping capacitor
C
1, while only one output capacitor Cout is needed as shown in Figure 5. The composite output resistance is:
CASCADING DEVICES
Cascading the is an easy way to produce a greater negative voltage (as shown in
Figure 6). If n is the integer representing the
number of devices cascaded, the unloaded output voltage V
out is (−nVin). The effective output resistance is equal to the weighted
sum of each individual device:
DS100898-32
FIGURE 4. Output Source Resistance vs Oscillator Frequency
DS100898-7
FIGURE 5. Lowering Output Resistance by Paralleling Devices
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com