Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX660 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MAX660
Description  Switched Capacitor Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MAX660 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MAX660 Datasheet HTML 1Page - National Semiconductor (TI) MAX660 Datasheet HTML 2Page - National Semiconductor (TI) MAX660 Datasheet HTML 3Page - National Semiconductor (TI) MAX660 Datasheet HTML 4Page - National Semiconductor (TI) MAX660 Datasheet HTML 5Page - National Semiconductor (TI) MAX660 Datasheet HTML 6Page - National Semiconductor (TI) MAX660 Datasheet HTML 7Page - National Semiconductor (TI) MAX660 Datasheet HTML 8Page - National Semiconductor (TI) MAX660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V+ to GND, or GND to OUT)
6V
LV
(OUT − 0.3V) to (GND + 3V)
FC, OSC
The least negative of (OUT − 0.3V)
or (V+ − 6V) to (V+ + 0.3V)
V+ and OUT Continuous Output Current
120 mA
Output Short-Circuit Duration to GND (Note 2)
1 sec.
Power Dissipation
(T
A = 25˚C) (Note 3)
735 mW
T
J Max (Note 3)
150˚C
θ
JA (Note 3)
170˚C/W
Operating Junction Temp. Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
300˚C
(Soldering, 10 seconds)
ESD Rating
2 kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V+ = 5V, FC = Open, C
1 = C2 = 150 µF. (Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V+
Supply Voltage
R
L = 1k
Inverter, LV = Open
(Note 5)
3.5
5.5
Inverter, LV = GND
1.5
5.5
V
Doubler, LV = OUT
2.5
5.5
I
Q
Supply Current
No Load
FC = Open
0.12
0.5
mA
LV = Open
FC = V+
1
3
I
L
Output Current
T
A ≤ +85˚C, OUT ≤ −4V
100
mA
T
A > +85˚C, OUT ≤ −3.8V
100
R
OUT
Output Resistance (Note 6)
I
L = 100 mA
T
A ≤ +85˚C
6.5
10
Ω
T
A > +85˚C
12
F
OSC
Oscillator Frequency
OSC = Open
FC = Open
5
10
kHz
FC = V+
40
80
I
OSC
OSC Input Current
FC = Open
±2
µA
FC = V+
±16
P
EFF
Power Efficiency
R
L (1k) between V
+ and OUT
96
98
R
L (500Ω) between GND and OUT
92
96
%
I
L = 100 mA to GND
88
V
OEFF
Voltage Conversion Efficiency
No Load
99
99.96
%
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: OUT may be shorted to GND for one second without damage. However, shorting OUT to V+ may damage the device and should be avoided. Also, for tem-
peratures above 85˚C, OUT must not be shorted to GND or V+, or device may be damaged.
Note 3: The maximum allowable power dissipation is calculated by using PDMax = (TJMax −TA)/θJA, where TJMax is the maximum junction temperature, TA is the
ambient temperature, and
θJA is the junction-to-ambient thermal resistance of the specified package.
Note 4: In the test circuit, capacitors C1 and C2 are 0.2Ω maximum ESR capacitors. Capacitors with higher ESR will increase output resistance, reduce output volt-
age and efficiency.
Note 5: The minimum limit for this parameter is different from the limit of 3.0V for the industry-standard “660” product. For inverter operation with supply voltage be-
low 3.5V, connect the LV pin to GND.
Note 6: Specified output resistance includes internal switch resistance and capacitor ESR.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com