Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX660 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MAX660
Description  Switched Capacitor Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MAX660 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button MAX660 Datasheet HTML 3Page - National Semiconductor (TI) MAX660 Datasheet HTML 4Page - National Semiconductor (TI) MAX660 Datasheet HTML 5Page - National Semiconductor (TI) MAX660 Datasheet HTML 6Page - National Semiconductor (TI) MAX660 Datasheet HTML 7Page - National Semiconductor (TI) MAX660 Datasheet HTML 8Page - National Semiconductor (TI) MAX660 Datasheet HTML 9Page - National Semiconductor (TI) MAX660 Datasheet HTML 10Page - National Semiconductor (TI) MAX660 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Other Applications (Continued)
A three-stage cascade circuit shown in
Figure 7 generates −3V
in, from Vin.
Cascading is also possible when devices are operating in doubling mode. In
Figure 8, two devices are cascaded to generate 3V
in.
An example of using the circuit in
Figure 7 or Figure 8 is generating +15V or −15V from a +5V input.
Note that the number of n is practically limited since the increasing of n significantly reduces the efficiency and increases the out-
put resistance and output voltage ripple.
REGULATING V
out
It is possible to regulate the output of the MAX660 by use of a low dropout regulator (such as LP2951). The whole converter is
depicted in
Figure 9. This converter can give a regulated output from −1.5V to −5.5V by choosing the proper resistor ratio:
where
Vref = 1.235V.
DS100898-8
FIGURE 6. Increasing Output Voltage by Cascading Devices
DS100898-9
FIGURE 7. Generating −3V
in from +Vin
DS100898-10
FIGURE 8. Generating +3V
in from +Vin
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com