Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX660 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MAX660
Description  Switched Capacitor Voltage Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MAX660 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MAX660 Datasheet HTML 1Page - National Semiconductor (TI) MAX660 Datasheet HTML 2Page - National Semiconductor (TI) MAX660 Datasheet HTML 3Page - National Semiconductor (TI) MAX660 Datasheet HTML 4Page - National Semiconductor (TI) MAX660 Datasheet HTML 5Page - National Semiconductor (TI) MAX660 Datasheet HTML 6Page - National Semiconductor (TI) MAX660 Datasheet HTML 7Page - National Semiconductor (TI) MAX660 Datasheet HTML 8Page - National Semiconductor (TI) MAX660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MAX660
Switched Capacitor Voltage Converter
General Description
The MAX660 CMOS charge-pump voltage converter inverts
a positive voltage in the range of 1.5V to 5.5V to the corre-
sponding negative voltage. The MAX660 uses two low cost
capacitors to provide 100 mA of output current without the
cost, size, and EMI related to inductor based converters.
With an operating current of only 120 µA and operating effi-
ciency greater than 90% at most loads, the MAX660 pro-
vides ideal performance for battery powered systems. The
MAX660 may also be used as a positive voltage doubler.
The oscillator frequency can be lowered by adding an exter-
nal capacitor to the OSC pin. Also, the OSC pin may be used
to drive the MAX660 with an external clock. A frequency con-
trol (FC) pin selects the oscillator frequency of 10 kHz or 80
kHz.
Features
n Inverts or doubles input supply voltage
n Narrow SO-8 Package
n 6.5
Ω typical output resistance
n 88% typical conversion efficiency at 100 mA
n Selectable oscillator frequency: 10 kHz/80 kHz
Applications
n Laptop computers
n Cellular phones
n Medical instruments
n Operational amplifier power supplies
n Interface power supplies
n Handheld instruments
Typical Application Circuits
Connection Diagram
Ordering Information
Order Number
Top Mark
Package
Supplied as
MAX660M
Date Code
MAX660M
M08A
Rail (95 units/rail)
MAX660MX
Date Code
MAX660M
M08A
Tape and Reel (2500 units/rail)
Voltage Inverter
DS100898-1
Positive Voltage Doubler
DS100898-2
8-Lead SO
DS100898-5
Top View
November 1999
© 1999 National Semiconductor Corporation
DS100898
www.national.com


Similar Part No. - MAX660

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
MAX660 MAXIM-MAX660 Datasheet
678Kb / 4P
High-Frequency Developers Kit for
Rev 1; 2/10
logo
Texas Instruments
MAX660 TI2-MAX660 Datasheet
1Mb / 29P
MAX660 Switched Capacitor Voltage Converter
REVISED MAY 2017
logo
Maxim Integrated Produc...
MAX66000 MAXIM-MAX66000 Datasheet
288Kb / 21P
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
MAX66000E MAXIM-MAX66000E Datasheet
288Kb / 21P
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
More results

Similar Description - MAX660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com