Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF4
Description  MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF4 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MF4 Datasheet HTML 1Page - National Semiconductor (TI) MF4 Datasheet HTML 2Page - National Semiconductor (TI) MF4 Datasheet HTML 3Page - National Semiconductor (TI) MF4 Datasheet HTML 4Page - National Semiconductor (TI) MF4 Datasheet HTML 5Page - National Semiconductor (TI) MF4 Datasheet HTML 6Page - National Semiconductor (TI) MF4 Datasheet HTML 7Page - National Semiconductor (TI) MF4 Datasheet HTML 8Page - National Semiconductor (TI) MF4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Logic Input-Output Characteristics (Continued)
The following specifications apply for V
− = 0V (Note 7) unless otherwise specified. Boldface limits apply for T
MIN to TMAX; all
other limits T
A = TJ = 25˚C.
Typical
Tested
Design
Parameter
Conditions
(Note 10)
Limit
Limit
Unit
(Note 11)
(Note 12)
TTL CLOCK INPUT, CLK R PIN (Note 9)
Maximum V
IL, Logical “0” Input Voltage
0.8
V
Minimum V
IH, Logical “1” Input Voltage
2.0
V
Maximum Leakage Current at CLK R Pin
L. Sh Pin at Mid-Supply
2.0
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. AC and DC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 2: All voltages are with respect to GND.
Note 3: The cutoff frequency of the filter is defined as the frequency where the magnitude response is 3.01 dB less than the DC gain of the filter.
Note 4: For ±5V supplies the dynamic range is referenced to 2.82 Vrms (4V peak) where the wideband noise over a 20 kHz bandwidth is typically 280 µVrms for
the MF4-50. For ±2.5V supplies the dynamic range is referenced to 1.06 Vrms (1.5V peak) where the wideband noise over a 20 kHz bandwidth is typically 130 µVrms.
Note 5: The specifications for the MF4 have been given for a clock frequency (fCLK) of 250 kHz or less. Above the clock frequency the cutoff frequency begins to
deviate from the specified error band of ±0.6% but the filter still maintains its magnitude characteristics. See Application Hints.
Note 6: Besides checking the cutoff frequency (fc) and the stopband attenuation at 2 fc, two additional frequencies are used to check the magnitude response of the
filter. The magnitudes are referenced to a DC gain of 0.0 dB.
Note 7: For simplicity all the logic levels have been referenced to V− = 0V (except for the TTL input logic levels). The logic levels will scale accordingly for ±5V and
±2.5V supplies.
Note 8: The short circuit source current is measured by forcing the output that is being tested to its maximum positive voltage swing and then shorting that output
to the negative supply. The short circuit sink current is measured by forcing the output that is being tested to its maximum negative voltage and then shorting that
output to the positive supply. These are worst case conditions.
Note 9: The MF4 is operating with symmetrical split supplies and L. Sh is tied to ground.
Note 10: Typicals are at 25˚C and represent most likely parametric norm.
Note 11: Guaranteed to National’s Average Outgoing Quality Level (AOQL).
Note 12: Guaranteed, but not 100% production tested. These limits are not used to determine outgoing quality levels.
Note 13: Human body model; 100 pF discharged through a 1.5 k
Ω resistor.
Note 14: When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
−or V
IN > V
+) the absolute value of current at that pin should be limited
to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply boundaries witha5mA current limit to four.
Note 15: Thermal Resistance
θJA (Junction to Ambient) N Package: 105˚C/W.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com