Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF4
Description  MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF4 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button MF4 Datasheet HTML 5Page - National Semiconductor (TI) MF4 Datasheet HTML 6Page - National Semiconductor (TI) MF4 Datasheet HTML 7Page - National Semiconductor (TI) MF4 Datasheet HTML 8Page - National Semiconductor (TI) MF4 Datasheet HTML 9Page - National Semiconductor (TI) MF4 Datasheet HTML 10Page - National Semiconductor (TI) MF4 Datasheet HTML 11Page - National Semiconductor (TI) MF4 Datasheet HTML 12Page - National Semiconductor (TI) MF4 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2.0 Designing With The MF4
(Continued)
2.3 CHANGING CLOCK FREQUENCY
INSTANTANEOUSLY
The MF4 will respond favorably to an instantaneous change
in clock frequency. If the control signal in
Figure 12 is low the
MF4-50 has a 100 kHz clock making f
c = 2 kHz; when this
signal goes high the clock frequency changes to 50 kHz
yielding f
c = 1 kHz. As the Figure illustrates, the output signal
changes quickly and smoothly in response to a sudden
change in clock frequency.
The step response of the MF4 in
Figure 13 is dependent on
f
c. The MF4 responds as a classical fourth-order Butterworth
low-pass filter.
2.4 ALIASING CONSIDERATIONS
Aliasing effects have to be considered when input signal fre-
quencies exceed half the sampling rate. For the MF4 this
equals half the clock frequency (f
CLK). When the input signal
contains a component at a frequency higher than half the
clock frequency f
CLK/2, as in Figure 14a, that component will
be “reflected” about f
CLK/2 into the frequency range below
f
CLK/2, as in Figure 14b. If this component is within the pass-
band of the filter and of large enough amplitude it can cause
problems. Therefore, if frequency components in the input
signal exceed f
CLK2 they must be attenuated before being
applied to the MF4 input. The necessary amount of attenua-
tion will vary depending on system requirements. In critical
applications the signal components above f
CLK/2 will have to
be attenuated at least to the filter’s residual noise level.
DS005064-11
FIGURE 1. Schmitt Trigger R/C Oscillator
DS005064-12
VIH ≥ 0.8 Vcc
VIL ≤ 0.2 Vcc
Vcc = V
+ −V
FIGURE 2. Split Supply Operation with CMOS Level Clock
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com