Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF4
Description  MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF4 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MF4 Datasheet HTML 1Page - National Semiconductor (TI) MF4 Datasheet HTML 2Page - National Semiconductor (TI) MF4 Datasheet HTML 3Page - National Semiconductor (TI) MF4 Datasheet HTML 4Page - National Semiconductor (TI) MF4 Datasheet HTML 5Page - National Semiconductor (TI) MF4 Datasheet HTML 6Page - National Semiconductor (TI) MF4 Datasheet HTML 7Page - National Semiconductor (TI) MF4 Datasheet HTML 8Page - National Semiconductor (TI) MF4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MF4 4th Order Switched Capacitor Butterworth
Lowpass Filter
General Description
The MF4 is a versatile, easy to use, precision 4th order But-
terworth low-pass filter. Switched-capacitor techniques elimi-
nate
external
component
requirements
and
allow
a
clock-tunable cutoff frequency. The ratio of the clock fre-
quency to the low-pass cutoff frequency is internally set to 50
to 1. A Schmitt trigger clock input stage allows two clocking
options, either self-clocking (via an external resistor and ca-
pacitor) for stand-alone applications, or for tighter cutoff fre-
quency control an external TTL or CMOS logic compatible
clock can be applied. The maximally flat passband frequency
response together with a DC gain of 1 V/V allows cascading
MF4 sections together for higher order filtering.
Features
n Low Cost
n Easy to use
n 8-pin mini-DIP or 14-pin wide-body S.O.
n No external components
n 5V to 14V supply voltage
n Cutoff frequency range of 0.1 Hz to 20 kHz
n Cutoff frequency accuracy of ± 0.3% typical
n Cutoff frequency set by external clock
n Separate TTL and CMOS/Schmitt-trigger clock inputs
Connection Diagram
Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corp.
Dual-In-Line Package
DS005064-2
Order Number MF4CN-50
See NS Package Number N08E
DS005064-1
July 1999
© 1999 National Semiconductor Corporation
DS005064
www.national.com


Similar Part No. - MF4

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MF4001 CYSTEKEC-MF4001 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
MF4002 CYSTEKEC-MF4002 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
MF4003 CYSTEKEC-MF4003 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
MF4004 CYSTEKEC-MF4004 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
MF4005 CYSTEKEC-MF4005 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
More results

Similar Description - MF4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF8 NSC-MF8 Datasheet
383Kb / 24P
4th-Order Switched Capacitor Bandpass Filter
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com