Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF4
Description  MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF4 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button MF4 Datasheet HTML 3Page - National Semiconductor (TI) MF4 Datasheet HTML 4Page - National Semiconductor (TI) MF4 Datasheet HTML 5Page - National Semiconductor (TI) MF4 Datasheet HTML 6Page - National Semiconductor (TI) MF4 Datasheet HTML 7Page - National Semiconductor (TI) MF4 Datasheet HTML 8Page - National Semiconductor (TI) MF4 Datasheet HTML 9Page - National Semiconductor (TI) MF4 Datasheet HTML 10Page - National Semiconductor (TI) MF4 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance Characteristics (Continued)
1.0 MF4 Application Hints
The MF4 is a non-inverting unity gain low-pass fourth-order
Butterworth switched-capacitor filter. The switched-capacitor
topology makes the cutoff frequency (where the gain drops
3.01 dB below the DC gain) a direct ratio of the clock fre-
quency supplied to the filter. Internal integrator time con-
stants set the filter’s cutoff frequency. The resistive element
of these integrators is actually a capacitor which is
“switched” at the clock frequency (for a detailed discussion
see Input Impedance Section). Varying the clock frequency
changes the value of this resistive element and thus the time
constant of the integrators. The clock-to-cutoff-frequency ra-
tio (f
CLKfc) is set by the ratio of the input and feedback ca-
pacitors
in
the
integrators.
The
higher
the
clock-to-cutoff-frequency ratio the closer this approximation
is to the theoretical Butterworth response. The MF4 is avail-
able in f
CLK/fc ratios of 50:1 (MF4-50).
1.1 CLOCK INPUTS
The MF4 has a Schmitt-trigger inverting buffer which can be
used to construct a simple R/C oscillator. Pin 3 is connected
to V
which makes Pin 2 a low impedance output. The oscil-
lator’s frequency is nominally
(1)
which, is typically
(2)
for V
CC = 10V.
Note that f
CLK is dependent on the buffer’s threshold levels
as well as the resistor/capacitor tolerance (see
Figure 1).
Schmitt-trigger threshold voltage levels can change signifi-
cantly causing the R/C oscillator’s frequency to vary greatly
from part to part.
Where accurate cutoff frequency is required, an external
clock can be used to drive the CLK R input of the MF4. This
input is TTL logic level compatible and also presents a very
light load to the external clock source (
∼2 µA). With split sup-
plies and the level shift (L. Sh) tied to system ground, the
logic level is about 2V. (See the Pin Description for L. Sh).
1.2 POWER SUPPLY
The MF4 can be powered from a single supply or split sup-
plies. The split supply mode shown in
Figures 2, 3 is the
most flexible and easiest to implement. Supply voltages of
±5V to ±7V enable the use of TTL or CMOS clock logic lev-
els.
Figure 4 shows AGND resistor-biased to V+/2 for single
supply operation. In this mode only CMOS clock logic levels
can be used, and input signals should be capacitor-coupled
or biased near mid-supply.
1.3 INPUT IMPEDANCE
The MF4 low-pass filter input (FILTER IN) is not a high im-
pedance buffer input. This input is a switched-capacitor re-
sistor equivalent, and its effective impedance is inversely
proportional to the clock frequency. The equivalent circuit of
the filter’s input can be seen in
Figure 5. The input capacitor
charges to V
in during the first half of the clock period; during
the second half the charge is transferred to the feedback ca-
pacitor. The total transfer of charge in one clock cycle is
therefore Q = C
inVin, and since current is defined as the flow
of charge per unit time, the average input current becomes
I
in = Q/T
(where T equals one clock period) or
The equivalent input resistor (R
in) then can be expressed as
The input capacitor is 2 pF, so
The higher the clock-to-cutoff-frequency ratio, the greater
equivalent input resistance for a given clock frequency.
This input resistance will form a voltage divider with the
source impedance (R
source). Since Rin is inversely propor-
tional to the cutoff frequency, operation at higher cutoff fre-
quencies will be more likely to load the input signal which
would appear as an overall decrease in gain to the output of
the filter. Since the filter’s ideal gain is unity, the overall gain
is given by:
f
CLK/fc Deviation
vs Temperature
DS005064-38
DC Gain Deviation
vs Power Supply Voltage
DS005064-40
DC Gain Deviation
vs Temperature
DS005064-41
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com