Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160D Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29F160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160D Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29F160D Datasheet HTML 1Page - Advanced Micro Devices AM29F160D Datasheet HTML 2Page - Advanced Micro Devices AM29F160D Datasheet HTML 3Page - Advanced Micro Devices AM29F160D Datasheet HTML 4Page - Advanced Micro Devices AM29F160D Datasheet HTML 5Page - Advanced Micro Devices AM29F160D Datasheet HTML 6Page - Advanced Micro Devices AM29F160D Datasheet HTML 7Page - Advanced Micro Devices AM29F160D Datasheet HTML 8Page - Advanced Micro Devices AM29F160D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Publication# 22288
Rev: D Amendment/0
Issue Date: December 4, 2000
Am29F160D
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 5.0 Volt-only, Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s 5.0 Volt single power supply operation
— Minimizes system-level power requirements
s High performance
— Access times as fast as 70 ns
s Manufactured on 0.25 µm process technology
s CFI (Common Flash Interface) compliant
— Provides device-specific information to the
system, allowing host software to easily
reconfigure for different Flash devices
s Ultra low power consumption (typical values at
5MHz)
— 15 mA typical active read current
— 35 mA typical erase/program current
— 300 nA typical standby mode current
s Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
thirty-one 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
thirty-one 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
— Hardware method of locking a sector to prevent
program or erase operations within that sector
— Sectors can be locked in-system or via
programming equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
s Top boot or bottom boot configurations
available
s Minimum 1,000,000 write cycle guarantee
per sector
s 20-year data retention at 125
°C
— Reliable operation for the life of the system
s Package options
— 48-pin TSOP
s Compatibile with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
s Data# Polling and toggle bits
— Provides a software method of detecting
program or erase operation completion
s Unlock Bypass Program command
— Reduces overall programming time when
issuing multiple program command sequences
s Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
s Hardware reset pin (RESET#)
— Hardware method to reset the device for reading
array data
s WP# input pin
—At VIL, protects the 16 Kbyte boot sector,
regardless of sector protect/unprotect status
—At VIH, allows removal of boot sector protection
s Program and Erase Performance
— Sector erase time: 1 s typical for each 64 Kbyte
sector
— Byte program time: 7 µs typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com