Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160D Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29F160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160D Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29F160D Datasheet HTML 12Page - Advanced Micro Devices AM29F160D Datasheet HTML 13Page - Advanced Micro Devices AM29F160D Datasheet HTML 14Page - Advanced Micro Devices AM29F160D Datasheet HTML 15Page - Advanced Micro Devices AM29F160D Datasheet HTML 16Page - Advanced Micro Devices AM29F160D Datasheet HTML 17Page - Advanced Micro Devices AM29F160D Datasheet HTML 18Page - Advanced Micro Devices AM29F160D Datasheet HTML 19Page - Advanced Micro Devices AM29F160D Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Am29F160D
15
COMMON FLASH MEMORY INTERFACE
(CFI)
The Common Flash Interface (CFI) specification out-
lines device and host system software interrogation
handshake, which allows specific vendor-specified
software algorithms to be used for entire families of
devices. Software support can then be device-indepen-
dent, JEDEC ID-independent, and forward- and back-
ward-compatible for the specified flash device families.
Flash vendors can standardize their existing interfaces
for long-term compatibility.
This device enters the CFI Query mode when the
system writes the CFI Query command, 98h, to
address 55h in word mode (or address AAh in byte
mode), any time the device is ready to read array data.
The system can read CFI information at the addresses
given in Tables 5–8. In word mode, the upper address
bits (A7–MSB) must be all zeros. To terminate reading
CFI data, the system must write the reset command.
The system can also write the CFI query command
when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read
CFI data at the addresses given in Tables 5–8. The
system must write the reset command to return the
device to the autoselect mode.
For further information, please refer to the CFI Specifi-
cation and CFI Publication 100, available via the World
Wide Web at http://www.amd.com/products/nvd/over-
view/cfi.html. Alternatively, contact an AMD represen-
tative for copies of these documents.
Table 5.
CFI Query Identification String
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com