Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160D Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160D Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F160D Datasheet HTML 3Page - Advanced Micro Devices AM29F160D Datasheet HTML 4Page - Advanced Micro Devices AM29F160D Datasheet HTML 5Page - Advanced Micro Devices AM29F160D Datasheet HTML 6Page - Advanced Micro Devices AM29F160D Datasheet HTML 7Page - Advanced Micro Devices AM29F160D Datasheet HTML 8Page - Advanced Micro Devices AM29F160D Datasheet HTML 9Page - Advanced Micro Devices AM29F160D Datasheet HTML 10Page - Advanced Micro Devices AM29F160D Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
6
Am29F160D
PIN CONFIGURATION
A0–A19
=
20 address inputs
DQ0–DQ14 =
15 data inputs/outputs
DQ15/A-1
=
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
BYTE#
=
Select input for 8-bit or 16-bit mode
CE#
=
Chip Enable input
OE#
=
Output Enable input
WE#
=
Write Enable input
WP#
=
Write Protect input
RESET#
=
Hardware reset input
RY/BY#
=
Ready/Busy# output
VCC
=
+5.0 V single power supply
(see Product Selector Guide for
device speed ratings and voltage
supply tolerances)
VSS
=
Device ground
NC
=
Pin not connected internally
LOGIC SYMBOL
20
16 or 8
DQ0–DQ15
(A-1)
A0–A19
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#
WP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com