Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160D Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM29F160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160D Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM29F160D Datasheet HTML 28Page - Advanced Micro Devices AM29F160D Datasheet HTML 29Page - Advanced Micro Devices AM29F160D Datasheet HTML 30Page - Advanced Micro Devices AM29F160D Datasheet HTML 31Page - Advanced Micro Devices AM29F160D Datasheet HTML 32Page - Advanced Micro Devices AM29F160D Datasheet HTML 33Page - Advanced Micro Devices AM29F160D Datasheet HTML 34Page - Advanced Micro Devices AM29F160D Datasheet HTML 35Page - Advanced Micro Devices AM29F160D Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Am29F160D
31
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 9 and Table 11 for test specifications.
Parameter
Description
Speed Option
JEDEC
Std
Test Setup
75
90
120
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
70
90
120
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
70
90
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
70
90
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
35
50
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
20
20
30
ns
tGHQZ
tDF
Output Enable to Output High Z
(Note 1)
Max
20
20
30
ns
tOEH
Output Enable
Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From Addresses, CE#
or OE#, Whichever Occurs First (Note 1)
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
tDF
tOH
Figure 10.
Read Operations Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com