Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSSD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RSSD
Description  Wirewound Resistor, Industrial High Power, Vitreous Tubular, Adjustable, Low Values 0.12 ohm to 560 ohm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RSSD Datasheet(HTML) 1 Page - Vishay Siliconix

  RSSD Datasheet HTML 1Page - Vishay Siliconix RSSD Datasheet HTML 2Page - Vishay Siliconix RSSD Datasheet HTML 3Page - Vishay Siliconix RSSD Datasheet HTML 4Page - Vishay Siliconix RSSD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RSSD
www.vishay.com
Vishay Sfernice
Revision: 16-Mar-16
1
Document Number: 50020
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistor, Industrial High Power, Vitreous Tubular,
Adjustable, Low Values 0.12
 to 560 
FEATURES
• High power rating: 16 W to 600 W at 25 °C
• Heavy overloads 10 Pn 15 s  1 %
• Low ohmic values 0.10
available
• High long term stability drift < 1.5 % after 1000 h
• Excellent withstanding of thermal shock
• Mechanical strength
• Fire proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
RSSD medium and high power resistors are noted for their ability to withstand heavy transient and severe shock and vibration
conditions. They complement the ohmic range of Vishay styles RW, RWST and RA in the low value area, and can be tapped by
means of adjustable collars. Standard RSSD resistors have a single adjustable collar.
NF F 16101, 10/1988 and 16102, 04/1992: Not applicable (our parts are made of metallic and refractory materials).
Note
(1) CS connections on request.
DIMENSIONS in millimeters
RSSD
SERIES
CONNECTION
A ± 2
Ø B
MAX.
Ø C
MIN.
DE
F + 0.5
+ 0
PØ Q
R
Z
APPROX.
AVERAGE
UNIT
WEIGHT IN g
8 x 34
AN type1
34
10
4.1
27 ± 2
20 ± 0.5
5
28 ± 1
3.2
16 ± 0.5
1
10
10 x 50
AN type1
50
11.5
5
40 ± 2
22 ± 0.5
6.35
31 ± 1
4.2
18 ± 0.5
1.5
22
13 x 70
AN type1 CS (1)
70
14.5
6.7
56 ± 2
24 ± 0.5
6.35
34 ± 1
4.2
20 ± 0.5
3.5
38
16 x 94
AN type1
94
18
9.2
78 ± 2
26.5 ± 0.5
6.35
38 ± 1
4.2
21 ± 0.5
4
55
20 x 117
AN type1
117
22
12.6
98 ± 2
31 ± 0.7
6.35
42 ± 1
4.2
24 ± 0.7
5
80
WELDED STAINLESS STEEL 304 L COLLARS “AN” TYPE 1
Type 2
Screwed
Type 1
Solded
SCREWED STAINLESS STEEL 304 L COLLARS “CS” TYPE 1
SCREWED STAINLESS STEEL 304 L COLLARS “CS” TYPE 2
A
Z
Ø B
D
Ø Q
R
Ø C
Ø C
P
E
P
A
Ø B
26
Ø C
J
K
M
G
H
L
A
Ø B
23
58
J
K
Ø C
M
G
H
15
15
L
F
F


Similar Part No. - RSSD

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RSSD-PSGS4M-4413-1M TURCK-RSSD-PSGS4M-4413-1M Datasheet
356Kb / 8P
Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
logo
List of Unclassifed Man...
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
More results

Similar Description - RSSD

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FVOT VISHAY-FVOT Datasheet
98Kb / 3P
Wirewound Resistor, Industrial Power, Vitreous Coated, Miniature Flat
13-Oct-16
FVT VISHAY-FVT Datasheet
144Kb / 6P
Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
03-Jun-16
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
RSO VISHAY-RSO Datasheet
140Kb / 4P
Wirewound Resistor, Industrial High Power, Enamelled Corrugated Tape, Tubular
16-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com