Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSSD Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RSSD
Description  Wirewound Resistor, Industrial High Power, Vitreous Tubular, Adjustable, Low Values 0.12 ohm to 560 ohm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RSSD Datasheet(HTML) 4 Page - Vishay Siliconix

  RSSD Datasheet HTML 1Page - Vishay Siliconix RSSD Datasheet HTML 2Page - Vishay Siliconix RSSD Datasheet HTML 3Page - Vishay Siliconix RSSD Datasheet HTML 4Page - Vishay Siliconix RSSD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RSSD
www.vishay.com
Vishay Sfernice
Revision: 16-Mar-16
4
Document Number: 50020
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
LEADS
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
RSSD
08 x 34
10 x 50
13 x 70
16 x 94
20 x 117
25 x 138
25 x 168
30 x 250
40 x 370
50 x 373
A = AN
B = B
C = CS
F = faston
The three first digits are
significant figures and the last
digit specifies the number of
zeros to follow.
R designates decimal point.
4700 = 470
48R5 = 48.5
R010 = 0.01
...
J = 5 %
K = 10 %
M = 20 %
Standard
packaging:
BXX = box,
XXPCS
(fixed qty
depending on
size)
No standard
packaging:
B00 = box,
qty open
As applicable.
Example: CB4
RELATED DOCUMENTS
APPLICATION NOTES
Packaging Information
www.vishay.com/doc?50033
Accessories
www.vishay.com/doc?50021
D
2
181
R
J
R
S
S
53
A
5
0
B
1
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com