Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSSD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RSSD
Description  Wirewound Resistor, Industrial High Power, Vitreous Tubular, Adjustable, Low Values 0.12 ohm to 560 ohm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RSSD Datasheet(HTML) 3 Page - Vishay Siliconix

  RSSD Datasheet HTML 1Page - Vishay Siliconix RSSD Datasheet HTML 2Page - Vishay Siliconix RSSD Datasheet HTML 3Page - Vishay Siliconix RSSD Datasheet HTML 4Page - Vishay Siliconix RSSD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RSSD
www.vishay.com
Vishay Sfernice
Revision: 16-Mar-16
3
Document Number: 50020
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ADDITIONAL TAPPINGS
Are supplied with their adjustable collars fastened but not set to any specific value. Please note that, on request, all tappings
can be adjusted by Vishay Sfernice. For adjustment purposes we would need to be advised of the ohmic values, and tolerances
of the sections in successive order in addition to their sum Rn.
The permissible maximum value for an adjustment should take into account the possible negative tolerance of Rn.
Please consult Vishay Sfernice regarding the acceptable
tolerance.
RECOMMENDATIONS FOR USE
Maximum Current Strength:
The ohmic value and the power decrease as the connections are brought together. To avoid overload, the maximum current
strength that is permissible for Rn should never be exceeded:
Imax. =
POWER RATING
TEMPERATURE RISE
MARKING
Vishay Sfernice trademark, model, style, nominal resistance (in
), tolerance (in %), manufacturing date.
SPECIAL FEATURES
RSSD TYPE
8 x 34
10 x 50
13 x 70
16 x 94
20 x 117 25 x 138 25 x 168 30 x 250 40 x 370 50 x 373
Power Rating
at 25 °C
Continuous
16 W
25 W
42 W
70 W
100 W
140 W
200 W
280 W
450 W
600 W
Reduced
14 W
22 W
38 W
62 W
90 W
125 W
170 W
240 W
360 W
450 W
Resistance Ohmic Range
(E12, E24 Series)
with 1 Tapping
0.12
10
0.12
22
0.12
43
0.33
75
0.22
100
0.10
150
0.12
220
0.22
360
0.47
470
0.68
560
Maximum Number
of Additional Tapping
0
1
1
1
1
1
2
2
4
4
Reduction % of Ohmic
Value by Tapping
23
21
14
11
10
8
6.5
6
5.7
5.7
P
r Rn
AMBIENT TEMPERATURE IN °C
100
80
60
40
0
0
100
200
300
400
450
120
RATED POWER IN W
400
300
200
100
0
10
100
1000
ORDERING INFORMATION
RSSD
10 × 50
AN
10U
5 %
BA25
e
MODEL
STYLE
SPECIAL
DESIGN
Method No
Optional
CONNECTIONS
OHMIC VALUE
Custom items are
subject to extra-charge and
min. order.
Please see price list.
TOLERANCE
PACKAGING
LEAD
(Pb)-FREE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com