Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSSD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RSSD
Description  Wirewound Resistor, Industrial High Power, Vitreous Tubular, Adjustable, Low Values 0.12 ohm to 560 ohm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RSSD Datasheet(HTML) 2 Page - Vishay Siliconix

  RSSD Datasheet HTML 1Page - Vishay Siliconix RSSD Datasheet HTML 2Page - Vishay Siliconix RSSD Datasheet HTML 3Page - Vishay Siliconix RSSD Datasheet HTML 4Page - Vishay Siliconix RSSD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSSD
www.vishay.com
Vishay Sfernice
Revision: 16-Mar-16
2
Document Number: 50020
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 10 % for RSSD 8 x 34 only.
DIMENSIONS in millimeters
RSSD
SERIES
CONNECTIONS
A ± 2
Ø B
MAX.
Ø C
MIN.
D
E
F + 0.5
+ 0
G - 4
- 0
H - 4
- 0
J
25 x 138
AN type1
cs type1
138
27
16.4
117 ± 2
33.5 ± 1
9
199
169
50 ± 1.5
25 x 168
AN type1
cs type1
168
27
16.4
147 ± 2
33.5 ± 1
9
229
199
50 ± 1.5
30 x 250
AN type1
cs type1
250
32
21.3
227 ± 2.5
36 ± 1
13
317
287
60 ± 1.5
40 x 370
AN type2
cs type2
370
43
22.3
332 ± 3
57 ± 1.5
18
432
405
69 max.
50 x 373
AN type2
cs type2
373
53
27.1
332 ± 3
63 ± 1.5
18
432
405
80 max.
RSSD
SERIES
CONNECTIONS
K
L ± 0.5
M ± 0.5
P
Ø Q
R
Z
APPROX.
AVERAGE UNIT
WEIGHT IN g
AN
CS
25 x 138
AN type1
cs type1
27 ± 1
6.5
24
51 ± 1.5
5.7
28.5 ± 1
6
90
135
25 x 168
AN type1
cs type1
27 ± 1
6.5
24
51 ± 1.5
5.7
28.5 ± 1
6
115
160
30 x 250
AN type1
cs type1
30 ± 1
9
25
55 ± 1.5
5.7
31± 1
5
240
290
40 x 370
AN type2
cs type2
45 ± 1
9
30
81.5 max.
9.2
45 ± 1.5
10
845
925
50 x 373
AN type2
cs type2
51 ± 1.5
9
30
92.5 max.
9.2
51 ± 1.5
11.5
1270
1350
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER
P25 °C
W
TOLERANCE
± %
RSSD 8 x 34
0834
0.12 to 10
16
5, 10 , 20
RSSD 10 x 50
1050
0.12 to 22
25
5, 10 , 20
RSSD 13 x 70
1370
0.12 to 43
42
5, 10 , 20
RSSD 16 x 94
1694
0.33 to 75
70
5, 10 , 20
RSSD 20 x 117
20117
0.22 to 100
100
5, 10 , 20
RSSD 25 x 138
25138
0.10 to 150
140
5, 10 , 20
RSSD 25 x 168
25168
0.12 to 220
200
5, 10 , 20
RSSD 30 x 250
30250
0.22 to 360
280
5, 10 , 20
RSSD 40 x 370
40370
0.47 to 470
450
5, 10 , 20
RSSD 50 x 373
50373
0.68 to 560
600
5, 10 , 20
MECHANICAL SPECIFICATIONS
Mechanical Protection
Vishay Sfernice special cement
Resistive Element
Nickel alloy wire
Connections
AN collars
CS supporting collars
Average Unit Weight
10 g to 1350 g
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
-55 °C, +450 °C
Climatic Category
-55 °C / +200 °C / 56 days
TECHNICAL SPECIFICATIONS
Resistance Range
0.12
 to 560 
(E12 series)
Standard Tolerance
R
 10  ± 5 % (1)
1
 R < 10  ± 10 %
0.1
 R < 1  ± 20 %
Power Rating
14 W to 600 W at 25 °C
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES AND DRIFTS
Short Time Overload
10 Pr during 5 s
2 %
1 %
Climatic Sequence
-55 °C, +200 °C
5 cycles
3 %
1 %
Thermal Shock
Load at 100 % Pr
followed by cold -55 °C / 15
2 %
or 0.05
1 %
Load Life
90 / 30 cycle
1000 h at Pr at +25 °C
5 %
1.5 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com