Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150FCB Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F016-150FCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150FCB Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F016-150FCB Datasheet HTML 3Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 4Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 5Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 9Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 10Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Am29F016
7
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
TEMPERATURE RANGE
C= Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
PACKAGE TYPE
E = 48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
F = 48-Pin Thin Small Outline Package
(TSOP) Reverse Pinout (TSR048)
S = 44-Pin Small Outline Package (SO 044)
DEVICE NUMBER/DESCRIPTION
Am29F016
16 Megabit (2M x 8-Bit) CMOS Flash Memory
5.0 Volt-only Program and Erase
AM29F016
-75
E
I
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-In
B
SPEED OPTION
See Product Selector Guide and
Valid Combinations
Valid Combinations
AM29F016-75
EC, EI, FC, FI, SC, SI
AM29F016-90
AM29F016-120
EC, ECB, EI, EIB,
FC, FCB, FI, FIB,
SC, SCB, SI, SIB
AM29F016-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com