Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150FCB Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F016-150FCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150FCB Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F016-150FCB Datasheet HTML 5Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 9Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 10Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 11Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 12Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Am29F016
9
Autoselect
The autoselect mode allows the reading of a binary
code from the device and will identify its manufacturer
and type. This mode is intended for use by program-
ming equipment for the purpose of automatically
matching the device to be programmed with its corre-
sponding programming algorithm. This mode is func-
tional over the entire temperature range of the device.
To activate this mode, the programming equipment
must force VID (11.5 V to 12.5 V) on address pin A9.
Two identifier bytes may then be sequenced from the
device outputs by toggling address A0 from VIL to VIH.
All addresses are don’t cares except A0, A1, and A6
(see Table 2).
The manufacturer and device codes may also be read
via the command register, for instances when the
Am29F016 is erased or programmed in a system with-
out access to high voltage on the A9 pin. The command
sequence is illustrated in Table 5 (see Autoselect Com-
mand Sequence).
Byte 0 (A0 = VIL) represents the manufacturer’s code
(AMD = 01H) and byte 1 (A0 = VIH) the device identifier
code for Am29F016 = ADH. These two bytes are given
in the table below. All identifiers for manufacturer and
device will exhibit odd parity with DQ7 defined as the
parity bit. In order to read the proper device codes
when executing the Autoselect, A1 must be VIL (see
Table 2).
The autoselect mode also facilitates the determination
of sector group protection in the system. By performing
a read operation at the address location XX02H with
the higher order address bits A18, A19, and A20 set to
the desired sector group address, the device will return
01H for a protected sector group and 00H for a
non-protected sector group.
Table 2.
Am29F016 Sector Protection Verify Autoselect Codes
* Outputs 01H at protected sector addresses
Type
A18 to A20
A6
A1
A0
Code
(HEX)
DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacturer Code
–AMD
XXX
VIL
VIL
VIL
01H
000
0000
1
Am29F016 Device
X
X
X
VIL
VIL
VIH
ADH
101
0110
1
Sector Group Protection
Sector Group
Address
VIL
VIH
VIL
01H*
000
0000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com