Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150FCB Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29F016-150FCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150FCB Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29F016-150FCB Datasheet HTML 12Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 13Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 14Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 15Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 16Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 17Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 18Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 19Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
Am29F016
DQ6
Toggle Bit I
The Am29F016 also features the “Toggle Bit I” as a
method to indicate to the host system that the embed-
ded algorithms are in progress or completed.
During an Embedded Program or Erase Algorithm cy-
cle, successive attempts to read (OE toggling) data
from the device
at any address will result in DQ6 tog-
gling between one and zero. Once the Embedded Pro-
gram or Erase Algorithm cycle is completed, DQ6 will
stop toggling and valid data will be read on
the next
successive attempts. During programming, the Toggle
Bit I is valid after the rising edge of the fourth WE pulse
in the four write pulse sequence. For chip erase, the
Toggle Bit I is valid after the rising edge of the sixth WE
pulse in the six write pulse sequence. For Sector
Erase, the Toggle Bit I is valid after the last rising edge
of the sector erase WE pulse. The Toggle Bit I is active
during the sector erase time out.
Either CE or OE toggling will cause the DQ6 to toggle.
In addition, an Erase Suspend/Resume command will
cause DQ6 to toggle. See Figure 12 for the Toggle Bit I
timing specifications and diagrams.
DQ5
Exceeded Timing Limits
DQ5 will indicate if the program or erase time has ex-
ceeded the specified limits (internal pulse count).
Under these conditions DQ5 will produce a “1”. This is
a failure condition which indicates that the program or
erase cycle was not successfully completed. Data Poll-
ing is the only operating function of the device under
this condition. The CE circuit will partially power down
the device under these conditions (to approximately 2
mA). The OE and WE pins will control the output dis-
able functions as described in Table 1.
The DQ5 failure condition will also appear if a user tries
to program a “1” to a location that is previously pro-
grammed to “0”. In this case the device locks out and
never completes the Embedded Program Algorithm.
Hence, the system never reads a valid data on DQ7 bit
and DQ6 never stops toggling. Once the device has ex-
ceeded timing limits, the DQ5 bit will indicate a “1.”
Please note that this is not a device failure condition
since the device was incorrectly used. If this occurs,
reset the device.
DQ3
Sector Erase Timer
After the completion of the initial sector erase com-
mand sequence the sector erase time-out will begin.
DQ3 will remain low until the time-out is complete. Data
Polling and Toggle Bit I are valid after the initial sector
erase command sequence.
If Data Polling or the Toggle Bit I indicates the device
has been written with a valid erase command, DQ3
may be used to determine if the sector erase timer win-
dow is still open. If DQ3 is high (“1”) the internally con-
trolled erase cycle has begun; attempts to write
subsequent commands (other than Erase Suspend) to
the device will be ignored until the erase operation is
completed as indicated by Data Polling or Toggle Bit I.
If DQ3 is low (“0”), the device will accept additional sec-
tor erase commands. To insure the command has been
accepted, the system software should check the status
of DQ3 prior to and following each subsequent sector
erase command. If DQ3 were high on the second sta-
tus check, the command may not have been accepted.
Refer to Table 6: Write Operation Status.
DQ2
Toggle Bit II
This toggle bit, along with DQ6, can be used to deter-
mine whether the device is in the Embedded Erase Al-
gorithm or in Erase Suspend.
Successive reads from the erasing sector will cause
DQ2 to toggle during the Embedded Erase Algorithm.
If the device is in the erase-suspended-read mode,
successive reads from the erase-suspend sector will
cause DQ2 to toggle. When the device is in the
erase-suspended-program mode, successive reads
from the byte address of the non-erase suspended sec-
tor will indicate a logic ‘1’ at the DQ2 bit.
DQ6 is different from DQ2 in that DQ6 toggles only
when the standard Program or Erase, or Erase Sus-
pend Program operation is in progress. The behavior of
these two status bits, along with that of DQ7, is summa-
rized as follows:
Notes:
1. These status flags apply when outputs are read from a
sector that has been erase-suspended.
2. These status flags apply when outputs are read from the
byte address of the non-erase suspended sector.
For example, DQ2 and DQ6 can be used together to
determine the erase-suspend-read mode (DQ2 toggles
while DQ6 does not). See also Table 6 and Figure 17.
Mode
DQ7
DQ6
DQ2
Program
DQ7
toggles
1
Erase
0
toggles
toggles
Erase Suspend Read (1)
(Erase-Suspended Sector)
1
1
toggles
Erase Suspend Program
DQ7 (2)
toggles
1 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com