Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150FCB Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F016-150FCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150FCB Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F016-150FCB Datasheet HTML 4Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 5Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 9Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 10Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 11Page - Advanced Micro Devices AM29F016-150FCB Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Am29F016
Table 1.
Am29F016 User Bus Operations
Legend:
L = logic 0, H = logic 1, X = Don’t Care. See DC Characteristics for voltage levels.
Notes:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 5.
2. Refer to the section on Sector Group Protection.
Read Mode
The Am29F016 has two control functions which must
be satisfied in order to obtain data at the outputs. CE is
the power control and should be used for device selec-
tion. OE is the output control and should be used to
gate data to the output pins if the device is selected.
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip
enable access time (tCE) is the delay from stable
addresses and stable CE to valid data at the output
pins. The output enable access time is the delay from
the falling edge of OE to valid data at the output pins
(assuming the addresses have been stable for at
least tACC–tOE time).
Standby Mode
There are two ways to implement the standby mode on
the Am29F016 device, one using both the CE and
RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is
achieved with CE and RESET inputs both held at VCC
± 0.3 V. Under this condition the current is typically
reduced to less than 1
µA. A TTL standby mode is
achieved with CE and RESET pins held at VIH. Under
this condition the current is typically reduced to 200
µA.
The device can be read with standard access time (tCE)
from either of these standby modes.
When using the RESET pin only, a CMOS standby
mode is achieved with RESET input held at VSS ± 0.3 V
(CE = don’t care). Under this condition the current is typ-
ically reduced to less than 1
µA. A TTL standby mode is
achieved with RESET pin held at VIL (CE = don’t care).
Under this condition the current is typically reduced to
less than 200
µA. Once the RESET pin is taken high,
the device requires 50 ns of wake up time before out-
puts are valid for read access.
In the standby mode the outputs are in the high imped-
ance state, independent of the OE input.
Output Disable
With the OE input at a logic high level (VIH), output from
the device is disabled. This will cause the output pins to
be in a high impedance state.
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0
–DQ7
RESET
Autoselect, AMD Manuf. Code (1)
L
L
H
L
L
L
VID
Code
H
Autoselect Device Code (1)
L
L
H
H
L
L
VID
Code
H
Read
L
L
X
A0
A1
A6
A9
DOUT
H
Standby
H
X
X
X
X
X
X
HIGH Z
H
Output Disable
L
H
H
XXX
X
HIGH Z
H
Write
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Group Protect (2)
L
VID
L
XXX
VID
XH
Verify Sector Group Protect (2)
L
L
H
L
H
L
VID
Code
H
Temporary Sector Group Unprotect
X
X
X
X
X
X
X
X
VID
Hardware Reset/Standby
XXX
XXX
X
HIGH Z
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com