Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6206Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # EVAL6206Q
Description  Dual full bridge with programmable overcurrent
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6206Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EVAL6206Q Datasheet HTML 2Page - STMicroelectronics EVAL6206Q Datasheet HTML 3Page - STMicroelectronics EVAL6206Q Datasheet HTML 4Page - STMicroelectronics EVAL6206Q Datasheet HTML 5Page - STMicroelectronics EVAL6206Q Datasheet HTML 6Page - STMicroelectronics EVAL6206Q Datasheet HTML 7Page - STMicroelectronics EVAL6206Q Datasheet HTML 8Page - STMicroelectronics EVAL6206Q Datasheet HTML 9Page - STMicroelectronics EVAL6206Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Bill of material
EVAL6206Q
6/12
DocID023042 Rev 2
3
Bill of material
Table 4. Bill of material
Index
Quantity
Reference
Value
Package
1
1
C1
220 nF / 16 V
CAPC-0603
2
1
C2
100 µF / 63 V
CAPES-R10HXX
3
1
C2A
100 µF / 63 V (OPTION)
CAPE-R8H12-P35
4
2
C3, C5
100 nF / 4 V
CAPC-0603
5
2
C4, C6
100 nF / 100 V
CAPC-0805
6
1
C7
10 nF / 100 V
CAPC-0805
7
2
C8, C9
5.6 nF / 6.3 V
CAPC-0603
8
2
C10, C11
68 nF / 6.3 V
CAPC-0603
9
2
C12, C13
NM
CAPC-0603
10
1
D1
BAV99
SOT-23
11
3
J1, J5, J6
Screw connector 2 poles
MORSV-508-2P
12
1
J2
Pol. IDC male header
vertical 30 poles
CON-FLAT-15X2-180M
13
4
J3, J4, J7, J8
Jumper - CLOSE
JP2SO
14
1
J9
NM
STRIP254P-M-4
15
1
RN1
56 k
RESN-CAY16
16
5
R1, R13, R15, R22,
R23
NM
RESC-0603
17
1
R2
10 k
 / 1%
RESC-0603
18
1
R3
0
RESC-0603
19
1
R4
14 k
/ 1%
RESC-0603
20
1
R5
100
RESC-0603
21
2
R6, R7
100 k
RESC-0603
22
2
R8, R17
10 k
RESC-0603
23
2
R9, R12
1.5 k
RESC-0603
24
2
R10, R14
12 k
RESC-0603
25
2
R11, R16
5.6 k
RESC-0603
26
4
R18, R19, R20, R21
0
 / 1 W
RESC-2512
27
1
TP1
TPTH-RING-1MM RED
TH
28
2
TP2,TP3
TPTH-RING-1MM
BLACK
TH
29
1
U1
L6206Q
QFN (7x7_48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com