Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6206Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVAL6206Q
Description  Dual full bridge with programmable overcurrent
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6206Q Datasheet(HTML) 4 Page - STMicroelectronics

  EVAL6206Q Datasheet HTML 1Page - STMicroelectronics EVAL6206Q Datasheet HTML 2Page - STMicroelectronics EVAL6206Q Datasheet HTML 3Page - STMicroelectronics EVAL6206Q Datasheet HTML 4Page - STMicroelectronics EVAL6206Q Datasheet HTML 5Page - STMicroelectronics EVAL6206Q Datasheet HTML 6Page - STMicroelectronics EVAL6206Q Datasheet HTML 7Page - STMicroelectronics EVAL6206Q Datasheet HTML 8Page - STMicroelectronics EVAL6206Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Board description
EVAL6206Q
4/12
DocID023042 Rev 2
Table 2. Control board connector pinout (J2)
Pin
Type
Function
2
Ground
Ground
3
Logic input
Input IN1A of L6206Q
4
Logic input
Input IN2A of L6206Q
5
Logic input
Input IN1B of L6206Q
6
Logic input
Input IN2B of L6206Q
11
Analog input
Overcurrent threshold regulation for A bridge
12
Analog input
Overcurrent threshold regulation for B bridge
13
Ground
Ground
14
Supply voltage
3.3 V supply voltage
16
Logic input
Input ENA of L6206Q
23
Ground
Ground
24
Analog output
Board identification system ID0
25
Analog output
Board identification system ID1
27
Logic output
Fault output for A bridge (OCDA output of L6206Q)
28
Ground
Ground
29
Logic output
Fault output for B bridge (OCDB output of L6206Q)
30
Logic input
Input ENB of L6206Q
Others
Unconnected
Table 3. Current sensing connector (J9)
Pin
Type
Function
1
Ground
Ground
2
Analog output
SENSEA pin of L6206Q(1)
1. The R22/23 resistor and C12/13 capacitor must be added when output is used. The value of the RC
network should be chosen according to the target low-pass frequency of the filter.
3
Analog output
SENSEB pin of L6206Q(1)
4
Ground
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com