Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6206Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6206Q
Description  Dual full bridge with programmable overcurrent
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6206Q Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6206Q Datasheet HTML 1Page - STMicroelectronics EVAL6206Q Datasheet HTML 2Page - STMicroelectronics EVAL6206Q Datasheet HTML 3Page - STMicroelectronics EVAL6206Q Datasheet HTML 4Page - STMicroelectronics EVAL6206Q Datasheet HTML 5Page - STMicroelectronics EVAL6206Q Datasheet HTML 6Page - STMicroelectronics EVAL6206Q Datasheet HTML 7Page - STMicroelectronics EVAL6206Q Datasheet HTML 8Page - STMicroelectronics EVAL6206Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For further information contact your local STMicroelectronics sales office.
June 2013
DocID023042 Rev 2
1/12
EVAL6206Q
Dual full bridge with programmable overcurrent
Data brief
Features
 Voltage range from 8 to 52 V
 Phase current up to 2.5 Ar.m.s.
 Adjustable overcurrent threshold
 Logic inputs 5 V / 3.3 V compliant
 Small application footprint with high thermal
performance
 Suitable for use in combination with
PractiSPIN™ 2 software
Description
The EVAL6206Q demonstration board allows the
user to test the L6206Q functions. The dual full
bridges integrated into the L6206Q device can be
used to drive a single 2-phase stepper motor or
up to four DC motors (unidirectional). The bridges
can also operate in parallel mode. The board can
be driven using the STEVAL-PCC009V2
demonstration board and the PractiSPIN 2
evaluation software.
AM11895v1
www.st.com


Similar Part No. - EVAL6206Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
PractiSPIN evaluation system configuration and set up guide
29-Jan-2008
EVAL6207Q STMICROELECTRONICS-EVAL6207Q Datasheet
611Kb / 10P
Dual full bridge with integrated PWM current controllers
07-Aug-2013
EVAL6208N STMICROELECTRONICS-EVAL6208N Datasheet
469Kb / 27P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
EVAL6208Q STMICROELECTRONICS-EVAL6208Q Datasheet
2Mb / 9P
Stepper motor driver mounting the L6208Q
03-Apr-2012
More results

Similar Description - EVAL6206Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18298 NSC-LM18298 Datasheet
147Kb / 8P
Dual Full-Bridge Driver
logo
STMicroelectronics
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
DUAL FULL-BRIDGE DRIVER
Jenuary 2000
L9930 STMICROELECTRONICS-L9930 Datasheet
103Kb / 12P
DUAL FULL BRIDGE
Oct-1996
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
Dual Full Bridge Driver
April 1994
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
Digitally Programmable Dual Full-Bridge MOSFET Driver
A4986 ALLEGRO-A4986 Datasheet
466Kb / 14P
DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
A4987 ALLEGRO-A4987 Datasheet
449Kb / 16P
DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
A4986 ALLEGRO-A4986_12 Datasheet
420Kb / 17P
DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4987 ALLEGRO-A4987_12 Datasheet
399Kb / 17P
DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
logo
STMicroelectronics
L289 STMICROELECTRONICS-L289 Datasheet
603Kb / 13P
DUAL FULL-BRIDGE DRIVER
Jenuary 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com