Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6206Q Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVAL6206Q
Description  Dual full bridge with programmable overcurrent
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6206Q Datasheet(HTML) 3 Page - STMicroelectronics

  EVAL6206Q Datasheet HTML 1Page - STMicroelectronics EVAL6206Q Datasheet HTML 2Page - STMicroelectronics EVAL6206Q Datasheet HTML 3Page - STMicroelectronics EVAL6206Q Datasheet HTML 4Page - STMicroelectronics EVAL6206Q Datasheet HTML 5Page - STMicroelectronics EVAL6206Q Datasheet HTML 6Page - STMicroelectronics EVAL6206Q Datasheet HTML 7Page - STMicroelectronics EVAL6206Q Datasheet HTML 8Page - STMicroelectronics EVAL6206Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID023042 Rev 2
3/12
EVAL6206Q
Board description
12
1
Board description
Figure 1. Trimmer and connector locations
Table 1. Electrical specifications
Parameter
Value
Supply voltage (VS)
8 to 52 V
Maximum output current (each phase)
2.5 Ar.m.s.
Low level logic input voltage
0 V
High level logic input voltage
5 V / 3.3 V(1)
Switching frequency
Up to 100 kHz
Operating temperature
- 25 to +125 °C
L6206Q thermal resistance junction-to-ambient
17 °C/W
1. Logic inputs are 3.3 V and 5 V compliant.
P
Phase A connector
Current sensing connector
Phase B connector
ower supply connector
(8 V - 52 V)
C
J7 and J8
J3 and J4: OCDX to ENX pin connection
ontrol board
connector
OCD theshold regulation
through control board.
CLOSED -
OPEN -
OCD threshold regulation
through R13 and R15
resistors (not mounted)
AM11896v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com