Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6730 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6730
Description  L6730 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6730 Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6730 Datasheet HTML 1Page - STMicroelectronics EVAL6730 Datasheet HTML 2Page - STMicroelectronics EVAL6730 Datasheet HTML 3Page - STMicroelectronics EVAL6730 Datasheet HTML 4Page - STMicroelectronics EVAL6730 Datasheet HTML 5Page - STMicroelectronics EVAL6730 Datasheet HTML 6Page - STMicroelectronics EVAL6730 Datasheet HTML 7Page - STMicroelectronics EVAL6730 Datasheet HTML 8Page - STMicroelectronics EVAL6730 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Features
EVAL6730
2/9
1
Features
Figure 1.
Demoboard schematic
L1
Q4-6
Q1-3
D2
12
U1
L6730
VIN
VOUT
15
OCH
C3
GOUT
R1
C2
16
17
13
14
HGATE
PHASE
LGATE
PGND
9
VCC
19
VCC
8
SS
C15
BOOT
D1
18
VCCDR
C1
7
VFB
COMP
R16
R15
C14
R14
C12
C13
R13
R12
11
EAREF
C9
R4
6
5
SGND
GIN
OCL
R19
R18
C4-C6
C16-C19
C7
R3
R2
C8
3
2
G1
1
R21
C20
TP1
1
2
3
G2
TMASK
SYNCH
4
2
SYNCH
VCCDR
PGOOD
R20
10
R17
OSC
C11
C10
1
PGDelay
PWRGD
20
3
GNDCC
VCCDR
R22
R23
TP2
C21
S1
S2
S3
S4
S5
S6
S7
R5
R6
R7
R8
R9
R10
R11
TP3
S/O/U
S1
H
S6-S7
G
S5-S7
F
S4-S7
E
S3-S7
D
S2-S7
C
S1-S7
B
S7
A
SW ON
STATE
Table 1.
Demoboard part list
Reference
Value
Manufacturer
Package
Supplier
R1
820
Ω
Neohm
SMD 0603
IFARCAD
R2
0
Ω
Neohm
SMD 0603
IFARCAD
R3
N.C.
R4
10
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R5
11 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R6
6.2 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R7
4.3 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R8
2.7 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R9
1.8 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R10
1.2 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R11
2.7 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R12
1 K
Ω
Neohm
SMD 0603
IFARCAD
R13
2.7 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com