Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6730 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVAL6730
Description  L6730 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6730 Datasheet(HTML) 3 Page - STMicroelectronics

  EVAL6730 Datasheet HTML 1Page - STMicroelectronics EVAL6730 Datasheet HTML 2Page - STMicroelectronics EVAL6730 Datasheet HTML 3Page - STMicroelectronics EVAL6730 Datasheet HTML 4Page - STMicroelectronics EVAL6730 Datasheet HTML 5Page - STMicroelectronics EVAL6730 Datasheet HTML 6Page - STMicroelectronics EVAL6730 Datasheet HTML 7Page - STMicroelectronics EVAL6730 Datasheet HTML 8Page - STMicroelectronics EVAL6730 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVAL6730
Features
3/9
R14
1 K
Ω 1% 100mW
Neohm
SMD 0603
IFARCAD
R15
1 K
Ω 1% 100mW
Neohm
SMD 0603
IFARCAD
R16
4.7 K
Ω 1% 100mW
Neohm
SMD 0603
IFARCAD
R17
N.C.
R18
2.2
Ω
Neohm
SMD 0603
IFARCAD
R19
2.2
Ω
Neohm
SMD 0603
IFARCAD
R20
10 K
Ω 1% 100 mW
Neohm
SMD 0603
IFARCAD
R21
N.C.
R22
N.C.
R23
0
Ω
Neohm
SMD 0603
IFARCAD
C1
220 nF
Kemet
SMD 0603
IFARCAD
C3-C7-C9-C15-C21
100 nF
Kemet
SMD 0603
IFARCAD
C2
1 nF.
Kemet
SMD 0603
IFARCAD
C4-C6
100
µF 20V
OSCON 20SA100M
RADIAL 10X10.5
SANYO
C8
4.7
µF 20V
AVX
SMA6032
IFARCAD
C10
10 nF
Kemet
SMD 0603
IFARCAD
C11
N.C.
C12
47 nF
Kemet
SMD 0603
IFARCAD
C13
1.5 nF
Kemet
SMD 0603
IFARCAD
C14
4.7nF
Kemet
SMD 0603
IFARCAD
C18-C19
330
µF 6.3V
POSCAP 6TPB330M
SMD
SANYO
C20
N.C.
L1
1.8
µH
Panasonic
SMD
ST
D1
1N4148
ST
SOT23
IFARCAD
D2
STS1L30M
ST
DO216AA
ST
Q1-Q2
STS12NH3LL
ST
SO8
ST
Q4-Q5
STSJ100NH3LL
ST
SO8
ST
U1
L6730
ST
QFN 4x4 24L
ST
SWITCH
DIP SWITCH 7 POS.
ST
Table 1.
Demoboard part list (continued)
Reference
Value
Manufacturer
Package
Supplier
Table 2.
Other inductor manufacturer
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
WURTH ELEKTRONIC
7443181801.8
20
SUMIDA
CDEP134-2R7MC-H
2.7
15
EPCOS
HPI_13 T640
1.4
22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com