Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6730 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVAL6730
Description  L6730 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6730 Datasheet(HTML) 5 Page - STMicroelectronics

  EVAL6730 Datasheet HTML 1Page - STMicroelectronics EVAL6730 Datasheet HTML 2Page - STMicroelectronics EVAL6730 Datasheet HTML 3Page - STMicroelectronics EVAL6730 Datasheet HTML 4Page - STMicroelectronics EVAL6730 Datasheet HTML 5Page - STMicroelectronics EVAL6730 Datasheet HTML 6Page - STMicroelectronics EVAL6730 Datasheet HTML 7Page - STMicroelectronics EVAL6730 Datasheet HTML 8Page - STMicroelectronics EVAL6730 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVAL6730
Features
5/9
The over-current-protection limit is set at 15 A but it can be changed by replacing the
resistors R1 and R12 (see OCL and OCH pin).
Vcc-Gndcc:
Using the input voltage to supply the controller no power is required at this input. However
the controller can be supplied separately from the power stage through the Vcc input (4.5-
14V) and, in this case, jumper G1 must be left open.
VCCDR:
An internal LDO provides the power into the device. The input of this stage is the Vcc pin
and the output (5 V) is the VCCDR pin. The LDO can be bypassed, providing directly a 5 V
voltage from VCCDR and Gndcc. In this case the pins 1 and 3 of the jumper G1 must be
shorted.
TP1:
This pin can be used as an input or as a test point. If all the jumper G2 pins are shorted, TP1
can be used as a test point of the voltage at the EAREF pin.
If the pins 2 and 3 of G2 are connected together, TP1 can be used as an input to provide an
external reference for the internal error amplifier.
TP2:
This test point is connected to the Tmask pin.
TP3:
This test point is connected to the S/O/U pin.
SYNCH:
This pin is connected to the synch pin of the controller.
PWRGD:
This pin is connected to the PGOOD pin of the controller.
DIP SWITCH
Different positions of the dip switch correspond to different settings of the multifunction pin
(S/O/U) (CC/O/U).
Table 4.
Dip switch
UVLO
OVP
SINK
CC
Vsou/ VBCCDRBBB
DIP SWITCH
STATE
5 V
Not latched
Not
0
S7
A
5 V
Not latched
Yes
0.2
S1-S7
B
5 V
Latched
Not
0.3
S2-S7
C
5 V
Latched
Yes
0.4
S3-S7
D
12 V
Not latched
Not
0.5
S4-S7
E
12 V
Not latched
Yes
0.6
S5-S7
F
12 V
Latched
Not
0.7
S6-S7
G
12 V
Latched
Yes
1
S1
H



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com