Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6730 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVAL6730
Description  L6730 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6730 Datasheet(HTML) 4 Page - STMicroelectronics

  EVAL6730 Datasheet HTML 1Page - STMicroelectronics EVAL6730 Datasheet HTML 2Page - STMicroelectronics EVAL6730 Datasheet HTML 3Page - STMicroelectronics EVAL6730 Datasheet HTML 4Page - STMicroelectronics EVAL6730 Datasheet HTML 5Page - STMicroelectronics EVAL6730 Datasheet HTML 6Page - STMicroelectronics EVAL6730 Datasheet HTML 7Page - STMicroelectronics EVAL6730 Datasheet HTML 8Page - STMicroelectronics EVAL6730 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Features
EVAL6730
4/9
1.1
I/O description
Figure 2.
I/O description
●
Input (Vin-Gin):
The input voltage can range from 1.8 V to 14 V. If the input voltage is between 4.5 V and 14
V it can supply also the device (through the Vcc pin) and in this case the pin 1 and 2 of the
jumper G1 must be connected together.
●
Output (Vout-Gout):
The output voltage is fixed at 3.3 V but it can be changed by replacing the resistor R14 of the
output resistor divider:
TDK
SPM12550T-1R0M220
1
22
TOKO
FDA1254
2.2
14
COILTRONICS
HCF1305-1R0
1.15
22
HC5-1R0
1.3
27
Table 3.
Other capacitor manufacturer
Manufacturer
Series
Capacitor value(µF)
Rated voltage (V)
TDK
C4532X5R1E156M
15
25
C3225X5R0J107M
100
6.3
NIPPON CHEMI-CON
25PS100MJ12
100
25
PANASONIC
ECJ4YB0J107M
100
6.3
Table 2.
Other inductor manufacturer
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
V
O
V
REF
1
R
16
R
14
---------
+
⎝⎠
⎛⎞
•
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com