Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF07 Datasheet(PDF) 3 Page - TEMEX

Part # CIF07
Description  CI F07 Dual Expander
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF07 Datasheet(HTML) 3 Page - TEMEX

  CIF07 Datasheet HTML 1Page - TEMEX CIF07 Datasheet HTML 2Page - TEMEX CIF07 Datasheet HTML 3Page - TEMEX CIF07 Datasheet HTML 4Page - TEMEX CIF07 Datasheet HTML 5Page - TEMEX CIF07 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Digital pulse compression module
CI F07 Dual Expander
October 15
th, 2015
CI F07 Dual Expander Revision A1
3 / 6
www.rakon.com
Specifications
1.
Environmental conditions
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
1.1
Temperature operating
-25
+60
°C
1.2
Temperature storage
-40
+85
°C
1.3
Humidity operating
@ 30 °C, (non condensing)
95
% RH
1.4
Shock
11 ms, 3 axes, 2 dir, half sine
pulse
(1).
30
g
1.5
Random Vibration
20 to 500 Hz, 3 axes
(1).
0.1
g
2/Hz
1.6
EMI - EMC
In accordance with MIL-STD 461 E
Note (1) : Procedures refer to MIL-STD-810G
2.
Electrical Interface
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Power supply (refers to POW)
2.1
Voltage
11
26
V
2.2
Current
@ Power supply = 15 V
500
(1)
mA
Clock Input (refers to CLK_IN)
2.3
Input level
-10
0
10
dBm
2.4
Frequency
0
250
MHz
2.5
Phase noise @ 1 kHz
For a 20 MHz clock input
-130
dBc/Hz
2.6
VSWR
1.5:1
RF expander output signal (refers to RFA_OUT, RFB_OUT)
2.7
Maximum output level
10
dBm
2.8
Output level variation with
temperature
± 1
dB
2.9
Maximum time domain amplitude
ripple
± 0.1
dB
2.10
Rise / Fall time
From 10 % to 90 % max level
50
ns
2.11
Spurious harmonic level
-70
dBc
2.12
Output noise floor
Inside chirp bandwidth
-140
dBm/Hz
2.13
Maximum phase error within the
chirp
± 2
Deg.
2.14
VSWR
1.3:1
RS-422 control inputs (refers to TRIGA_IN, TRIGB_IN, WFMSELA_IN, WFMSELB_IN)
2.15
Impedance
120
Ω
2.16
Setup time
To clock rising edge
50
ns
2.17
Hold time
From clock rising edge
50
ns
Note (1): Current highly depends on waveform characteristics (B, T, …)
3.
CI F07 expander operation Performances



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com