Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF07 Datasheet(PDF) 5 Page - TEMEX

Part # CIF07
Description  CI F07 Dual Expander
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF07 Datasheet(HTML) 5 Page - TEMEX

  CIF07 Datasheet HTML 1Page - TEMEX CIF07 Datasheet HTML 2Page - TEMEX CIF07 Datasheet HTML 3Page - TEMEX CIF07 Datasheet HTML 4Page - TEMEX CIF07 Datasheet HTML 5Page - TEMEX CIF07 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Digital pulse compression module
CI F07 Dual Expander
October 15
th, 2015
CI F07 Dual Expander Revision A1
5 / 6
www.rakon.com
Mechanical features
4.
Mechanical features
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
4.1
Unit outline without connectors
175 x 152 x 27.1
mm
3
4.2
Unit weight
< 0.6
kg
4.3
Material
AG4.5MC
4.4
Treatment
Ni20 / Zn1
4.5
Screws
A4-70 stainless steel
Fig. 2 : Mechanical drawing
Reliability
5.
Reliability information
Line
Parameter
Test Condition
Value
Unit
5.1
Estimated mean time between failure
FIDES 2004, 30°C ambient
> 250 000
H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com