Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF07 Datasheet(PDF) 6 Page - TEMEX

Part # CIF07
Description  CI F07 Dual Expander
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF07 Datasheet(HTML) 6 Page - TEMEX

  CIF07 Datasheet HTML 1Page - TEMEX CIF07 Datasheet HTML 2Page - TEMEX CIF07 Datasheet HTML 3Page - TEMEX CIF07 Datasheet HTML 4Page - TEMEX CIF07 Datasheet HTML 5Page - TEMEX CIF07 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Digital pulse compression module
CI F07 Dual Expander
October 15
th, 2015
CI F07 Dual Expander Revision A1
6 / 6
www.rakon.com
Interfaces description
6.
Interfaces description
Line
Pin number
Name
Description
J1 to J3 : SMA – Jack
6.1
J1
CLK_IN
Reference clock input
AC, 50 Ω
6.2
J2
RFB_OUT
Expander channel B RF chirp output
AC, 50 Ω
6.3
J3
RFA_OUT
Expander channel A RF chirp output
AC, 50 Ω
FL01 to FL04 : By-pass filter
6.4
FL01
Power supply return
Power supply return
6.5
FL02
Power supply
Power supply
6.6
FL03
Pi filter
Not used
6.7
FL04
Pi filter
Not used
P1 : MIL-C-24308 15-pin SubD Connector
6.8
P1 – 4 /
P1 – 12
WFMSELA_IN +/-
Expander A Waveform selection input
RS-422 compatible input, 120 Ω differential impedance
6.9
P1 – 6 /
P1 – 14
WFMSELB_IN +/-
Expander B Waveform selection input
RS-422 compatible input, 120 Ω differential impedance
6.10
P1 – 2 /
P1 – 10
TRIGA_IN +/-
Trigger A input
Time reference = First clock rising edge following Trigger
low to high transition.
RS-422 compatible input, 120 Ω differential impedance
6.11
P1 – 3 /
P1 – 11
TRIGB_IN +/-
Trigger B input
Time reference = First clock rising edge following Trigger
low to high transition.
RS-422 compatible input, 120 Ω differential impedance
6.12
P1 – 5 /
P1 – 13
UNIT_OK_OUT +/-
BITE output
RS-422 level, Logic 1 = Unit OK
Indicates the GO-NOGO state of the unit
6.13
P1 – 8
GND
Ground
6.14
P1 – 15
UNIT_OK_OCOUT
Open Collector BITE Output
TTL Level with 300 Ω internal pull-up, Logic 1 = Unit OK
Indicates the GO-NOGO state of the unit
May be tied to other UNIT_OK_OCOUT to generate a global
System OK when 2 or more CI F07 units are used
P3 : MOLEX type 87833-1420
6.15
P3
JTAG
JTAG interface for program download



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com