Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF07 Datasheet(PDF) 4 Page - TEMEX

Part # CIF07
Description  CI F07 Dual Expander
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF07 Datasheet(HTML) 4 Page - TEMEX

  CIF07 Datasheet HTML 1Page - TEMEX CIF07 Datasheet HTML 2Page - TEMEX CIF07 Datasheet HTML 3Page - TEMEX CIF07 Datasheet HTML 4Page - TEMEX CIF07 Datasheet HTML 5Page - TEMEX CIF07 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Digital pulse compression module
CI F07 Dual Expander
October 15
th, 2015
CI F07 Dual Expander Revision A1
4 / 6
www.rakon.com
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
3.1
Center frequency (F0)
75 – B/2 MHz
3.2
Maximum bandwidth (B)
45
MHz
3.3
Maximum time dispersion (T)
@ B = 7 MHz
1000
µs
3.4
Minimal expander delay (TE)
See Note (1)
T/2 + 0.3
µs
3.5
Maximal additional expander delay (TE) See Note (1)
1
ms
3.6
Modulation slope
Up-chirp / Down-chirp
3.7
Modulation type
Linear / Non linear
Note (1): Measured from first Clock rising edge after Trigger low to high transition, to the center of the output chirp.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com