Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3PR43 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL3PR43
Description  3 MM(T-l) CYLINDER LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3PR43 Datasheet(HTML) 1 Page - Sharp Corporation

  GL3PR43 Datasheet HTML 1Page - Sharp Corporation GL3PR43 Datasheet HTML 2Page - Sharp Corporation GL3PR43 Datasheet HTML 3Page - Sharp Corporation GL3PR43 Datasheet HTML 4Page - Sharp Corporation GL3PR43 Datasheet HTML 5Page - Sharp Corporation GL3PR43 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LED Lamps
u 43 Series
Series
‘
Ype ‘ED
s Model No.
GL3UR43 Red (Super-luminosity)
GL3LR43 Red (High-luminosity)
GL3TR43 Red (High-luminosity)
GL3PR43 Red
GL3HD43 Red
GL3HS43 Sunset orange
GL3HY43 Yellow
GL3EG43 Yellow-green
GL3KG43 Green
Features
2.
3.
all resin mold
Colored transparency lens type
Wide viewing angle
s Absolute Maximum Ratings
Parameter
Power dissipation
Continuous forward current
forward
Reverse voltage
Operating temperature
Storage temperature
temperature
Outline Dimensions
(Unit: mm)
Pin connections
Anode
,
Cathode
0
. . . . .
1 2
Unspecified tolerance
GL3UR43 GL3LR43 GL3PR43 GL3HD43 GL3EG43
Symbol
GL3HS43
Unit
GL3HY43
P
75
110
23
84
84
30
50
10
30
30
0.40
0.67
0.13
0.40
0.40
—
0.67
4.00
0.67
0.67
0.67
4
5
5
5
5
v
–25
to
+85
–25
to
“c
5 seconds)
“c
Duty ratio
1/10 , Pulse width
Duty ratio
1/16 , Pulse width
lms for GL3LR43 and
At the position of 1.6mm from the bottom face of resin package
“In the absence of
by
SHARP takes no
for any
that
m equipment using any of SHARPS
55
shown m catalogs, data books, etc. Contact SHARP
order to obtain the latest version of the
sheets before using any SHARPS


Similar Part No. - GL3PR43

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL3PR43 SHARP-GL3PR43 Datasheet
82Kb / 4P
첩3mmT-1, CylinderThin Type, Colored Transparency LED Lamps for Backlight
logo
List of Unclassifed Man...
GL3PR43 ETC1-GL3PR43 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL3PR43

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-K600 FAIRCHILD-HLMP-K600 Datasheet
112Kb / 4P
T-100 3 mm SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
T-1 (3 mm) Diffused LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
T-1 (3 mm) Diffused LED Lamps
HLMP-Y402-G0000 AVAGO-HLMP-Y402-G0000 Datasheet
115Kb / 7P
T-1 (3 mm) GaP/GaAsP LED Lamps
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
T-1 (3-mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
T-1 (3 mm) AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com