Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3PR43 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GL3PR43
Description  3 MM(T-l) CYLINDER LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3PR43 Datasheet(HTML) 4 Page - Sharp Corporation

  GL3PR43 Datasheet HTML 1Page - Sharp Corporation GL3PR43 Datasheet HTML 2Page - Sharp Corporation GL3PR43 Datasheet HTML 3Page - Sharp Corporation GL3PR43 Datasheet HTML 4Page - Sharp Corporation GL3PR43 Datasheet HTML 5Page - Sharp Corporation GL3PR43 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LED Lamps
u 43 Series
GL3PR43 (Red) / GL3HD43 (Red)
Tolerance:
s Characteristics Diagrams
Forward Current vs.
Forward Voltage
I
.
u
,
L
L
1
.
. .
,
Forward voltage
(V)
Relative Luminous Intensity vs.
Ambient Temperature,
400
.
50
60
100
Characteristics
Parameter
Symbol
Model No.
Conditions
MIN. TYP. MAX. Unit
Forward voltage
GL3PR43
—
1. 9
2.3
GL3HD43
—
2.0
2.8
intensity
GL3PR43
1.0
3.0
–
GL3HD43
–
Peak emission wavelength
GL3PR43
—
695
–
GL3HD43
—
635
–
‘m
Spectrum radiation bandwidth
GL3PR43
100
–
GL3HD43
–
‘m
Reverse current
GL3PR43
—
—
10
GL3HD43
10
Terminal capacitance
GL3PR43
V=OV
–
–
GL3HD43
V=OV
–
20
–
Response frequency
GL3PR43
–
—
4
–
GL3HD43
–
—
4
–
Luminous Intensity vs.
Forward Current
Forward
current
Spectrum Distribution
1
..”
-
1
1
Forward Current Derating Curve
20
10
0
–20
O
20
40
60
80
10II
Ambient temperature Ta (“C
Radiation Diagram
-30
+
+
6 0
70
+
8 0
+
90
Wavelength
(rim)
58



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com