Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3PR43 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL3PR43
Description  3 MM(T-l) CYLINDER LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3PR43 Datasheet(HTML) 2 Page - Sharp Corporation

  GL3PR43 Datasheet HTML 1Page - Sharp Corporation GL3PR43 Datasheet HTML 2Page - Sharp Corporation GL3PR43 Datasheet HTML 3Page - Sharp Corporation GL3PR43 Datasheet HTML 4Page - Sharp Corporation GL3PR43 Datasheet HTML 5Page - Sharp Corporation GL3PR43 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LED Lamps
Serie s
GL3UR43 (Red)
s
Characteristics
Parameter
Symbol
Model No.
Conditions
Forward voltage
—
185
2.5
100
–
Luminous intensity
I\
Peak emission wavelength
660
–
nm
Spectrum radiation bandwidth
—
20
-
nm
Reverse current
—
100
Terminal capacitance
–
25
–
Response frequency
–
—
–
Tolerance:
Characteristics Diagrams
Forward Current vs.
Forward Voltage
Relative Luminous Intensity vs.
Ambient Temperature
Luminous Intensity vs.
Forward Current
Spectrum Distribution
Ambient temperature Ta
Radiation Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com