Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3PR43 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL3PR43
Description  3 MM(T-l) CYLINDER LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3PR43 Datasheet(HTML) 3 Page - Sharp Corporation

  GL3PR43 Datasheet HTML 1Page - Sharp Corporation GL3PR43 Datasheet HTML 2Page - Sharp Corporation GL3PR43 Datasheet HTML 3Page - Sharp Corporation GL3PR43 Datasheet HTML 4Page - Sharp Corporation GL3PR43 Datasheet HTML 5Page - Sharp Corporation GL3PR43 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LED Lamps
u 43 Series
GL3LR43 (Red) / GL3TR43 (Red)
s
Characteristics
(Ta
)
Parameter
Forward voltage
intensity
Peak emission wavelength
Spectrum radiation bandwidth
Reverse current
Terminal capacitance
Response frequency
Tolerance:
Characteristics Diagrams
Model No,
Conditions
MIN.
MAX. Unit
GL3LR43
—
1,75
2.2
GL3TR43
1.75
2.2
v
GL3LR43
20
40
–
GL3TR43
10
20
–
‘c d
GL3LR43
—
660
–
GL3TR43
660
–
‘m
20
–
GL3TR43
—
20
–
‘m
GL3LR43
—
10
GL3TR43
—
—
10
V=OV
–
GL3TR43
MHz
–
30
–
GL3LR43
–
8
–
GL3TR43
–
—
8
–
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
,
Forward
Relative Luminous Intensity vs.
Ambient Temperature
u
“
“
I
10
Iii
ii i
Forward
current
Spectrum Distribution
temperature Ta
I
Wavelength
(nm )
Forward Current Derating Curve
temperature, Ta
Radiation Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com