Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA017V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA017V1
Description  Switch mode Quasi-Resonant Flyback Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA017V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA017V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA017V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA017V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA017V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2007
Rev 3
1/4
4
STEVAL-ISA017V1
Power supply for STB based on L6565 (US-110 V)
Features
■ Switch mode Quasi-Resonant Flyback Power
Supply
■ Input: 88 to 138 Vac (US version)
■ Switching frequency: 50/60 Hz
■ Output1: 12 V @ 500 mA delivering 6 W with
± 10% of stability
■ Output2: 8 V @ 40 mA delivering 0.32 W with
± 15% of stability
■ Output3: 5 V @ 1 A delivering 5 W with
±5% of
stability
■ Output4: 3.3 V @ 450 mA delivering 1.485 W
with
± 2% of stability
■ Output5: 1.23 V @ 1 A delivering 5 W with
± 5% of stability
■ Output6: 2.5 V @ 0.7A delivering 1.75 W with
± 2% of stability
General description
This document describes a reference design of a
17 W Switch Mode Power Supply dedicated to
Set-Top Box applications. The board accepts US
input voltages (90 to 265 Vrms) and delivers up to
6 W outputs. It is based on the L6565 quasi
resonant SMPS controller, working in variable
frequency mode.
The Quasi-resonant operation and the high
flexibility of the L6565 make it a very suitable
device, able to satisfy all the requirements with
only few external components.
ST components
■ STTH108 High Voltage Ultrafast Rectifier, 1 A,
800 V
■ SMBYW02-200 High Efficiency Fast Recovery
Rectifier Diode, 2 A, 200 V
■ STPS5L40 Power Schottky Rectifier, 5 A, 40 V
■ STPS5L25B low drop power Schottky Rectifier,
3 A, 40 V
■ STPS340 Power Schottky Rectifier, 3 A, 40 V
■ L6565 Quasi Resonant SMPS controller
■ L5973D step down switching regulator up to
2.5 A
■ LD29080DT25, 800 mA fixed and adjustable
output, very low dropout voltage regulator
■ STD5NK50Z, N-channel zener protected
SuperMESH Power MOSFETs, 500 V,
1.22 Ohm, 4.4 A
STEVAL-ISA017V1
www.st.com


Similar Part No. - STEVAL-ISA017V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA011V1 STMICROELECTRONICS-STEVAL-ISA011V1 Datasheet
95Kb / 4P
VIPER12ADIP-E low power AC/DC adapter demonstration board (suitable for the STEVAL-ILL002V1)
23-Sep-2010
STEVAL-ISA012V1 STMICROELECTRONICS-STEVAL-ISA012V1 Datasheet
92Kb / 4P
3 phase power supply with VIPer and Power MOSFETs
28-Nov-2007
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
Output short circuit protection
20-Jul-2007
STEVAL-ISA014V1 STMICROELECTRONICS-STEVAL-ISA014V1 Datasheet
95Kb / 5P
VIPer12A travel adaptor 3.6W output
23-Mar-2006
More results

Similar Description - STEVAL-ISA017V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
Automotive Quasi-Resonant Flyback Control IC
logo
Texas Instruments
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_14 Datasheet
1,021Kb / 32P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
STMicroelectronics
AN1376 STMICROELECTRONICS-AN1376 Datasheet
1Mb / 35P
25W QUASI-RESONANT FLYBACK CONVERTER FOR
Nov-2001
logo
Texas Instruments
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
logo
STMicroelectronics
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
Switch mode Quasi-Resonant Flyback Power Supply
09-Oct-2006
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com