Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRBGFSF-ABCB Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LTRBGFSF-ABCB
Description  Enhanced optical Power LED (ThinFilm / ThinGaN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBGFSF-ABCB Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LTRBGFSF-ABCB Datasheet HTML 8Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 9Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 10Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 11Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 12Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 13Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 14Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 15Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTRB GFSF
2014-08-26
12
Durchlassstrom
6) Seite 28
Forward Current6) page 28
I
F = f (VF); TS = 25 °C; true green, blue
Relative Lichtstärke
6) 7) Seite 28
Relative Luminous Intensity
6) 7) page 28
I
V/IV(20 mA) = f (IF); TS = 25 °C
Durchlassstrom
6) Seite 28
Forward Current6) page 28
I
F = f (VF); TS = 25 °C; red
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
VF
F
I
I
OHL02525
F
V (20 mA)
I
I
V
5
10
0
10
1
mA 10
2
10
1
10
-2
10
5
-1
0
10
5
blue
red
true green
OHF03754
F
I
V
1.5
F
V
102
5
101
0
10
1.7 1.9
2.1 2.3 2.5
2.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com