Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRBGFSF-ABCB Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LTRBGFSF-ABCB
Description  Enhanced optical Power LED (ThinFilm / ThinGaN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBGFSF-ABCB Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LTRBGFSF-ABCB Datasheet HTML 9Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 10Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 11Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 12Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 13Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 14Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 15Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 16Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTRB GFSF
2014-08-26
13
Dominante Wellenlänge
6) Seite 28
Dominant Wavelength6) page 28
blue
,
λ
dom = f (IF); TS = 25 °C
Relative Lichtstärke
6) Seite 28
Relative Luminous Intensity
6) page 28
I
V/IV(25 °C) = f (TJ); IF = 20 mA
Dominante Wellenlänge
6) Seite 28
Dominant Wavelength6) page 28
true green
,
λ
dom = f (IF); TS = 25 °C
I
OHL02526
452
dom
λ
0
mA
nm
F
20
40
60
100
10
30
50
70
454
456
458
460
462
464
466
-60
0
Tj
OHL03760
˚C
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.6
blue
true green
red
(25 ˚C)
I
V
I
V
I
OHL02527
505
dom
λ
0
mA
nm
20
40
60
80
120
510
515
520
525
530
535
545
F
true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com