Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRBGFSF-ABCB Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LTRBGFSF-ABCB
Description  Enhanced optical Power LED (ThinFilm / ThinGaN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBGFSF-ABCB Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LTRBGFSF-ABCB Datasheet HTML 13Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 14Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 15Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 16Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 17Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 18Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 19Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 20Page - OSRAM GmbH LTRBGFSF-ABCB Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTRB GFSF
2014-08-26
17
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
S = 25 °C
I
F = f (tp); true green (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
S = 85 °C
I
F = f (tp); true green (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
S = 25 °C
I
F = f (tp); true green (3 Chips on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
S = 85 °C
I
F = f (tp); true green (3 Chips on)
0
-5
F
I
A
tp
s
OHL03566
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
0.2
0.5
1
0.02
0.04
0.06
0.08
0.10
0.14
T
t
T
D =
P
P
t
IF
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL01725
T
t
P
IF
0.05
0.10
0.15
0.20
0.25
0.35
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.30
0
-5
F
I
A
tp
s
OHL03567
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
0.02
0.04
0.06
0.08
0.10
0.14
T
t
T
D =
P
P
t
IF
0.2
0.5
1
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL01726
T
t
P
IF
0.05
0.10
0.15
0.20
0.25
0.35
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.30
0
-5
F
I
A
tp
s
OHL03568
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
0.02
0.04
0.06
0.08
0.10
0.14
T
t
T
D =
P
P
t
IF
0.2
0.5
1
10
10
-2
-3
-4
-5
10
10
10
F
I
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL01734
T
t
P
IF
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
A
0.05
1
0.5
0.1
0.2
0.01
0.005
=
0.02
D
0
-5
F
I
A
tp
s
OHL03569
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
0.02
0.04
0.06
0.08
0.10
0.14
T
t
T
D =
P
P
t
IF
0.2
0.5
1
10
10
-2
-3
-4
-5
10
10
10
F
I
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL01735
T
t
P
IF
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
A
0.05
1
0.5
0.1
0.2
0.01
0.005
=
0.02
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com