Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5511ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADL5511
Data Sheet
Rev. B | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Circuit Description......................................................................... 17
Envelope Propagation Delay..................................................... 17
RMS Circuit Description........................................................... 17
RMS Filtering.............................................................................. 17
Output Drive Capability and Buffering................................... 18
Applications Information .............................................................. 19
Basic Connections...................................................................... 19
Operation Below 1 GHz/Envelope Filtering........................... 19
Choosing a Value for the RMS Averaging Capacitor (CFLT4).. 20
Envelope Tracking Accuracy .................................................... 21
Time Domain Envelope Tracking Accuracy........................... 21
VRMS and VENV Output Offset............................................. 22
Device Calibration and Error Calculation.............................. 22
Error vs. Frequency.................................................................... 23
Evaluation Board ........................................................................ 24
Outline Dimensions....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
5/14—Rev. A to Rev. B
Changes to Ordering Guide .......................................................... 26
2/12—Rev. 0 to Rev. A
Changes to Equation 4 ................................................................... 19
Updated Outline Dimensions....................................................... 26
7/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com